Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT28GA60K Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APT28GA60K
Description  High Speed PT IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT28GA60K Datasheet(HTML) 6 Page - Microsemi Corporation

  APT28GA60K Datasheet HTML 1Page - Microsemi Corporation APT28GA60K Datasheet HTML 2Page - Microsemi Corporation APT28GA60K Datasheet HTML 3Page - Microsemi Corporation APT28GA60K Datasheet HTML 4Page - Microsemi Corporation APT28GA60K Datasheet HTML 5Page - Microsemi Corporation APT28GA60K Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
Source
10.66 (.420)
9.66 (.380)
5.33 (.210)
4.83 (.190)
14.73 (.580)
12.70 (.500)
1.01 (.040) 3-Plcs.
.83 (.033)
2.79 (.110)
2.29 (.090)
4.80 (.189)
4.60 (.181)
2.80 (.110)
2.60 (.102)
3.40 (.133) Dia.
3.10 (.123)
Dimensions in Millimeters and (Inches)
Gate
Drain
7.10 (.280)
6.70 (.263)
1.77 (.070) 3-Plcs.
1.15 (.045)
2.85 (.112)
2.65 (.104)
3.70 (.145)
2.20 (.126)
0.48 (.019)
0.44 (.017)
5.33 (.210)
4.83 (.190)
12.192 (.480)
9.912 (.390)
3.683 (.145)
MAX.
TO-220 (K) Package Outline
Collector
Emitter
Figure 13, Turn-on Switching Waveforms and Definitions
T
J = 125°C
Collector Current
Collector Voltage
Gate Voltage
5%
10%
t
d(on)
90%
10%
t
r
5%
Switching Energy
Figure 14, Turn-off Switching Waveforms and Definitions
T
J = 125°C
Collector Voltage
Collector Current
Gate Voltage
Switching Energy
0
90%
t
d(off)
10%
t
f
90%
IC
A
D.U.T.
VCE
VCC
APT30DQ120
Figure 12, Inductive Switching Test Circuit
APT28GA60K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com