Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT44GA60B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT44GA60B
Description  High Speed PT IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT44GA60B Datasheet(HTML) 3 Page - Microsemi Corporation

  APT44GA60B Datasheet HTML 1Page - Microsemi Corporation APT44GA60B Datasheet HTML 2Page - Microsemi Corporation APT44GA60B Datasheet HTML 3Page - Microsemi Corporation APT44GA60B Datasheet HTML 4Page - Microsemi Corporation APT44GA60B Datasheet HTML 5Page - Microsemi Corporation APT44GA60B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Performance Curves
APT44GA60B_S
0
20
40
60
80
100
25
50
75
100
125
150
0
1
2
3
4
5
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
8
10
12
14
16
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
0
4
8
12
16
20
24
28
32
0
25
50
75
100
0
2
4
6
8
250μs PULSE
TEST<0.5 % DUTY
CYCLE
T
J = 25°C.
250μs PULSE TEST
<0.5 % DUTY CYCLE
V
GE = 15V.
250μs PULSE TEST
<0.5 % DUTY CYCLE
I
C = 13A
I
C = 26A
I
C = 52A
I
C = 26A
I
C = 52A
13V
5V
15V
I
C = 26A
T
J = 25°C
V
CE = 480V
V
CE = 300V
V
CE = 120V
T
J= 25°C
T
J= -55°C
V
GE = 15V
T
J= 55°C
T
J= 150°C
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics (T
J
= 25°C)
T
J= 25°C
T
J= 125°C
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (V)
FIGURE 2, Output Characteristics (T
J
= 25°C)
T
J= 125°C
V
GE, GATE-TO-EMITTER VOLTAGE (V)
FIGURE 3, Transfer Characteristics
V
GE, GATE-TO-EMITTER VOLTAGE (V)
FIGURE 5, On State Voltage vs Gate-to-Emitter Voltage
GATE CHARGE (nC)
FIGURE 4, Gate charge
T
J, Junction Temperature (°C)
FIGURE 6, On State Voltage vs Junction Temperature
T
C, Case Temperature (°C)
FIGURE 8, DC Collector Current vs Case Temperature
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
-.50 -.25
0
25
50
75 100 125 150
T
J, JUNCTION TEMPERATURE
FIGURE 7, Threshold Voltage vs Junction Temperature
6V
7V
8V
I
C = 13A
9V
10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com