Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT68GA60B Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APT68GA60B
Description  High Speed PT IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT68GA60B Datasheet(HTML) 6 Page - Microsemi Corporation

  APT68GA60B Datasheet HTML 1Page - Microsemi Corporation APT68GA60B Datasheet HTML 2Page - Microsemi Corporation APT68GA60B Datasheet HTML 3Page - Microsemi Corporation APT68GA60B Datasheet HTML 4Page - Microsemi Corporation APT68GA60B Datasheet HTML 5Page - Microsemi Corporation APT68GA60B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
Figure 13, Turn-on Switching Waveforms and Definitions
T
J = 125°C
Collector Current
Collector Voltage
Gate Voltage
5%
10%
t
d(on)
90%
10%
t
r
5%
Switching Energy
Figure 14, Turn-off Switching Waveforms and Definitions
T
J = 125°C
Collector Voltage
Collector Current
Gate Voltage
Switching Energy
0
t
d(off)
10%
t
f
90%
IC
A
D.U.T.
VCE
VCC
APT30DQ60
Figure 12, Inductive Switching Test Circuit
APT68GA60B_S
e3 100% Sn Plated
D3PAK Package Outline
TO-247 (B) Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018)
{3 Plcs}
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Drain)
and Leads
are Plated
3.81 (.150)
4.06 (.160)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
Revised
8/29/97
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
Revised
4/18/95
Collector
Emitter
Collector
Emitter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com