Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT80GA60LD40 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # APT80GA60LD40
Description  High Speed PT IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT80GA60LD40 Datasheet(HTML) 8 Page - Microsemi Corporation

  APT80GA60LD40 Datasheet HTML 1Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 2Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 3Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 4Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 5Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 6Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 7Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 8Page - Microsemi Corporation APT80GA60LD40 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Dynamic Characteristics
TJ = 25°C unless otherwise specified
APT80GA60LD40
T
J
= 125°C
V
R
= 400V
20A
40A
80A
180
160
140
120
100
80
60
40
20
0
25
20
15
10
5
0
Duty cycle = 0.5
T
J
= 175°C
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100
200
80
70
60
50
40
30
20
10
0
T
J
, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R
, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
V
F
, ANODE-TO-CATHODE VOLTAGE (V)
-di
F
/dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F
/dt, CURRENT RATE OF CHANGE (A/µs)
-di
F
/dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
T
J
= 175°C
T
J
= -55°C
T
J
= 25°C
T
J
= 125°C
T
J
= 125°C
V
R
= 400V
80A
20A
40A
0
0.5
1
1.5
2
2.5
3
0
200
400
600
800
1000
1200
0
200
400
600
800
1000
1200
0
200
400
600
800
1000
1200
120
100
80
60
40
20
0
1400
1200
1000
800
600
400
200
0
T
J
= 125°C
V
R
= 400V
80A
40A
20A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
200
180
160
140
120
100
80
60
40
20
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com