Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5420 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT5420
Description  13-BIT, OCTAL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5420 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT5420 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5420 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
6/26/01
SPT5420
TYPICAL PERFORMANCE CHARACTERISTICS
PACKAGE OUTLINE
44-Lead MQFP
Index
A
B
C
D
Pin 1
E
F
G
H
I
J
K
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.5098
0.5295
12.95
13.45
B
0.3917
0.3957
9.95
10.05
C
0.3917
0.3957
9.95
10.05
D
0.5098
0.5295
12.95
13.45
E
0.0311
0.0319
0.79
0.81
F
0.0118
0.0177
0.30
0.45
G
0.0768
0.0827
1.95
2.10
H
0.0039
0.0098
0.10
0.25
I
0.0287
0.0406
0.73
1.03
J
0.0630 REF
1.60 REF
K0°
7°
0°
7°
Slew and Settling Time
Digital Feedthrough
2 µS
2 mV/div
code 0FFFH to 1000H
digital feedthrough
CL=50 pF
RL=10 kW
code 0000H to 1FFFH
output
20 mV/div
output
2 V/div
1 µS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com