Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7852 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
1/12/00
SPT7852
PIN ASSIGNMENTS
VRHF
VRHS
VRLS
VRLF
GND
VINA
GND
VINB
MSBINV
Reset
VCAL
D4A
D3A
D2A
D1A
D0A
DAV
D0B
D1B
D2B
D3B
D4B
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
TOP VIEW
PIN FUNCTIONS
NAME
FUNCTION
VRHF
Reference High Force
VRHS
Reference High Sense
VRLS
Reference Low Sense
VRLF
Reference Low Force
VCAL
Calibration Reference
VINA
Channel A Analog Input
VINB
Channel B Analog Input
AVDD
Analog Power Supply
DVDD
Digital Power Supply
OVDD
Digital Output Supply (3.3 V/5 V)
GND
Common Device Ground
CLK
Input Clock (ƒCLK = 2 * ƒS)
EN
Output Enable (Low = Data)
D0A – D9A
Channel A Tri-State Data Output
(D0A = LSB)
D0B – D9B
Channel B Tri-State Data Output
(D0B = LSB)
D10A
Channel A Overrange Bit
D10B
Channel B Overrange Bit
DAV
Data Valid Output
MSBINV
MSB Invert (High = 2’s complement)
(Low = binary)
Reset
Reset (Low = Normal) (High = Reset)
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT7852SCT
0 to +70
°C
44L TQFP
SPT7852SIT
–40 to +85
°C
44L TQFP
SPT7852SCU
+25
°C
Die*
*Please see the die specification for guaranteed electrical performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com