Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC1203 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # TMC1203
Description  Triple Video A/D Converter 8-Bit, 50Msps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1203 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  TMC1203 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PRODUCT SPECIFICATION
TMC1203
4
Pin Descriptions
Pin Name
Pin Number
Value
Pin Function Description
A/D Converters
VINA, VINB,
VINC
12, 55, 48
RTX to
RBX
Analog Inputs. The input voltage conversion range lies between the
voltage applied to the RTX and RBX pins. RTX, RBX.
RTA, RTB, RTC
14, 53, 50
2.6V
Reference Voltage, Top Inputs. DC voltages applied to RTA, RTB
and RTC define highest value of VINX.
RBA, RBB, RBC
15, 52, 51
0.6V
Reference Voltage, Bottom Inputs. DC voltages applied to RBA,
RBB and RBC define highest value of VINX.
CLKA, CLKB,
CLKC
9, 58, 45
CMOS
Convert (Clock) Inputs. A/D converter clock inputs. CMOS-
compatible. VINX is sampled on the falling edge of CLKX. Clock
inputs are separate for the three converters.
DA7-0
4, 3, 2, 80, 79,
78, 77, 76
CMOS/
TTL
Data outputs, Converter A (D7 = MSB). Eight-bit CMOS- and
TTL-compatible digital outputs. Valid data is output on the rising
edge of CLKX.
DB7-0
63, 64, 65, 66,
67, 68, 69, 70
CMOS/
TTL
Data outputs, Converter B (D7 = MSB). Eight-bit CMOS- and
TTL-compatible digital outputs. Valid data is output on the rising
edge of CLKX.
DC7-0
41, 40, 39, 38,
37, 36, 35, 34
CMOS/
TTL
Data outputs, Converter C (D7 = MSB). Eight-bit CMOS- and
TTL-compatible digital outputs. Valid data is output on the rising
edge of CLKX.
OEA, OEB, OEC
5, 62, 42
CMOS
Output Enable Inputs. CMOS-compatible. When LOW, the A/D
output is enabled. When HIGH, the output is in a high-impedance
state. Output Enables are separate for the three converters.
Power
VDDA
11, 47, 56
+5V
Analog Supply Voltage. +5 Volt power inputs. These should come
from the same power source and be decoupled to AGND.
VDD
6, 7, 27, 28, 29,
30, 43, 44, 60,
61
+5V
Digital Supply Voltage. +5 Volt power inputs. These should come
from the same power source and be decoupled to AGND.
AGND
13, 49, 54
0.0V
Analog Ground. Ground connections. These pins should be
connected to the system analog ground plane.
DGND
16, 17, 18, 19,
20, 21, 22, 25,
26, 32, 33, 71,
72, 74, 75
0.0V
Digital Ground. Ground connections. These pins should be
connected to the system analog ground plane.
No Connect
N/C
1, 8, 10, 23, 24,
31, 46, 57, 59,
73
open
Not Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com