Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2192KHC Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # TMC2192KHC
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192KHC Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  TMC2192KHC Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2192KHC Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
4
REV. 1.0.0 8/13/03
Pin Assignments
Pin Definitions
Pin Name
Pin Number
Value
Description
CLOCK, SYNC, & CONTROL INPUTS (6 pins)
DCVEN
57
TTL
Digital CVBS Output Enable. When DCVEN is LOW, the
Comp2 output prior to the D/A is routed to D7-0, FLD2-1
providing a digital composite output. When DCVEN is HIGH,
D7-0 and FLD2-1 operate in their normal mode.
HSIN
56
TTL
Horizontal Sync Input. When operating in slave, Genlock, or
DRS-Lock the TMC2192 will start a new horizontal line with
each falling edge of HSIN.
KEY
20
TTL
Hard Key selection. When the control register bit HKEN is set
HIGH and the hardware KEY pin is high, the video data
considered to be the foreground. is routed to the COMP2
output. This control signal is data aligned so that the pixel that is
present on the PD port when KEY signal is latched is at the
midpoint of the key transition. When HKEN is LOW, Key is
ignored.
PD1
PD0
DGND
VDD
VSIN
HSIN
DCVEN
SER
CS\/SCL
R/W\/SDA
A1/SA1
A0/SA0
D7
D6
D5
D4
D3
D2
D1
D0
DGND
VDD
PDC
HSOUT
VSOUT
LINE4
LINE3
LINE2
LINE1
LINE0
VDDA
COMP
CBYPCOMP
AGND
CHROMA
CBYPCHROM
VDDA
RREFCHROM
AGND
LUMA
CBYPLUMA
VDDA
RREFLUMA
AGND
AGND
VDDA
VDDA
AGND
AGND
KEY
OL4
OL3
OL2
OL1
OL0
DGND
PD23
PD22
PD21
PD20
1
30
31
50
65-6294-14
100
81
80
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Function
51
Pin
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Function
PD19
PD18
PD17
PD16
PD15
PD14
PD13
PD12
VDD
DGND
PD11
PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
Pin
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
Function
Pin
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
Function
FLD2
FLD1
FLD0
CVBS9
CVBS8
CVBS7
CVBS6
CVBS5
CVBS4
CVBS3
CVBS2
CVBS1
CVBS0
RESET
PXCK
VDD
DGND
VREF
RREFCOMP
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com