Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2193 Datasheet(PDF) 64 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 64 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 60Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 63Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 64Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 65Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 66Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 67Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 68Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
64
REV. 1.0 3/26/03
Electrical Characteristics
Notes:
1. Typical IDD with VDD = +5.0 Volts and TA = 25
°C.
2. Timing reference points are at the 50% level.
Switching Characteristics
Notes:
1. Timing reference points are at the 50% level.
2. Analog CLOAD <10 pF, D7-0 load <40 pF.
3. Pipeline delay, with respect to PXCK, is a function of the phase relationship between the internally generated PCK (PXCK/2)
and PXCK, as established by the hardware RESET.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IDD
Power Supply Current
VDD = Max., fPXCK = 27MHz
335
375
mA
IDDQ
Power Supply Current
(D/A disabled)
VDD = Max., fPXCK = 27MHz
15
25
mA
VRO
Voltage Reference Output
1.235
V
IBR
Input Bias Current, VREF
VREF = Nom.
50
µA
IIH
Input Current, Logic HIGH
VDD = Max., VIN = VDD
10
µA
IIL
Input Current, Logic LOW
VDD = Max., VIN = GND
-10
µA
VOH
Output Voltage, Logic HIGH
IOH = Max.
2.4
V
VOL
Output Voltage, Logic LOW
IOL = Max.
0.4
V
IOZH
Hi-Z Leakage current, HIGH
VDD = Max., VIN = VDD
10
µA
IOZL
Hi-Z Leakage current, LOW
VDD = Max., VIN = GND
-10
µA
CI
Digital Input Capacitance
TA = 25
°C, f = 1MHz
4
10
pF
CO
Digital Output Capacitance
TA = 25
°C, f = 1MHz
10
pF
VOC
Video Output Compliance
Voltage
-0.3
2.0
V
ROUT
Video Output Resistance
15
k
Ω
COUT
Video Output Capacitance
IOUT = 0 mA, f = 1 MHz
15
25
pF
Parameter
Conditions
Min.
Typ.
Max.
Units
PIPES
Pipeline Delay
PD to Analog Out
PD to DCVBS
64
66
PXCK
Periods
tDOZ
Output Delay, CS to low-Z
4
15
ns
tDOM
Output Delay, CS to Data Valid
15
ns
tHOM
Output Hold Time, CS to hi-Z
10
ns
tDO
Output Delay
PXCK to HSOUT, VSOUT,
PDC, LINE, FLD
15
ns
tR
D/A Output Current Risetime
10% to 90% of full-scale
2
ns
tF
D/A Output Current Falltime
90% to 10% of full-scale
2
ns
tDOV
Analog Output Delay
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com