Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2193KJC Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
7
Functional Description
Input Formats
Control Registers for this section
The TMC2193 supports both RGB and YCBCR component
sources on the pixel data port. For RGB sources the
TMC2193 will accept a 24 bit RGB source with a sample
rate of 4:4:4. YCBCR input sources are supported in 10 bit
4:2:2, 20 bit 4:2:2, 20 bit 4:4:4, and 24 bit 4:4:4. In the 4:2:2
cases the color difference components are linearly interpo-
lated to 4:4:4 internally.
Demuxing of multiplexed data streams depends on which
synchronization mode the encoder is operating in. For slave
and genlock modes the falling edge of HSIN must be LOW
prior to the CB data in order to demux the data correctly. For
master mode synchronization the falling edge of HSOUT
must be LOW prior to the Y data in order to demux the data
correctly. Finally, in 656 mode the demuxing of the data
stream is determined by the TRS codes, the first sample after
the TRS is considered a CB sample of the CB Y CR YI
packet.
The control register D1OFF controls the formatting of the
incoming luminance data at the pixel data port. When
D1OFF is HIGH a blanking level of 6410 is subtracted from
the luminance and when D1OFF is LOW the incoming the
pixel data is passed through. The inversion of the MSB’s on
the CB and CR components is controlled by the INMODE
control register.
Figure 1. Input Formats
1.
INMODE = 000 or 100, PD[7:0] = Y/G, PD[23:16] = CB/B, PD[15:8] = CR/R
Figure 2. 24 Bit Input Format
Address
Bit(s)
Name
0x05
7
D1OFF
0x05
6-4
INMODE
0x06
0
TSOUT
INMODE
x00
101
110
111
0
0
2
2
65-6294-02
23
PD
7CB/BLUE
CR/RED
Y/GREEN
07
16
15
7
9YCBCR
0
14
9CBCR
9CBCR
0
0
1
9
1
0
0
7
8
0
9
9
Y
Y
tDO
PD[7:0]
PD[15:8]
PD[23:16]
PXCK
HSOUT
(TSOUT = 1)
65-6294-03
(Y/G)n-1
(C /R)
R
n-1
(C /B)
B
n-1
(Y/G)x+1
(Y/G)x+2
(Y/G)x
(Y/G)n
(Y/G)0
(C /R)
R
n
(C /R)
R
0
(C /B)
B
n
(C /B)
B
0
tS
tH
tDO
x = (SY+BR+BU+CBP)*2
128
0
n = (SY+BR+BU+CBP+AV)*2
HSIN
tSP
(C /B)
B
x
(C /B)
B
x+1
(C /B)
B
x+2
(C /R)
R
x
(C /R)
R
x+1
(C /R)
R
x+2
2.
INMODE = 101, PD[23:14] = YCBCR running at 27MHz.
The PD port is clocked at twice the pixel rate, with the data
organized as CB Y CR Y, with the cosited Y's following the
CB's. In its CCIR-656 time base mode, the demuxed CB, Y,
and CR data is synchronized to the SAV preamble. The first
data value, after the SAV preamble, is treated as a CB data
point in the multiplexed CB, Y, CR Y , D1 data stream.
Note: Figure 3, pixel numbering, reflects the SMPTE-125M
pixel numbering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com