Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2111AB2C Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # TMC2111AB2C
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2111AB2C Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  TMC2111AB2C Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2111AB2C Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRODUCT SPECIFICATION
TMC2011A/2111A
5
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Operating Conditions
Parameter
Min
Typ
Max
Unit
Supply Voltage
-0.5
7.0
V
Input Voltage
-0.5
VDD + 0.5
V
Output, Applied Voltage2
-0.5
VDD + 0.5
V
Output, Externally Forced Current3,4
-3.0
6.0
mA
Output, Short Circuit Duration (single output in HIGH state to
ground)
1
sec
Operating, Ambient Temperature
-20
110
°C
Junction Temperature
140
°C
Storage Temperature
-65
150
°C
Lead Soldering (10 seconds)
300
°C
Parameter
Min
Nom
Max
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fCLK
Clock frequency
TMC2011A, 2111A
30
MHz
TMC2011A-1, 2111A-1
40
tPWH
CLK pulse width, HIGH
12
ns
tPWL
CLK pulse width, LOW
12
ns
tS
Input Data Set-up Time
6
ns
tH
Input Data Hold Time
1
ns
VIH
Input Voltage, Logic HIGH
DI7-0, L3-0, MC
2.0
V
CLK
2.6
VIL
Input Voltage, Logic LOW
0.8
V
IOH
Output Current, Logic HIGH
-2.0
mA
IOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com