Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE180N05 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE180N05
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE180N05 Datasheet(HTML) 2 Page - STMicroelectronics

  STE180N05 Datasheet HTML 1Page - STMicroelectronics STE180N05 Datasheet HTML 2Page - STMicroelectronics STE180N05 Datasheet HTML 3Page - STMicroelectronics STE180N05 Datasheet HTML 4Page - STMicroelectronics STE180N05 Datasheet HTML 5Page - STMicroelectronics STE180N05 Datasheet HTML 6Page - STMicroelectronics STE180N05 Datasheet HTML 7Page - STMicroelectronics STE180N05 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthc-h
Thermal Resist ance Junct ion-case
Max
Thermal Resist ance Case-heatsink With Conduct ive
Grease Applied
Max
0.35
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =1 mA
VGS =0 V
50
V
IDSS
Zero Gate Volt age
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating x 0.8
Tc =125
oC
400
2
µA
mA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 400
nA
ON (
∗)
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage VDS =VGS
ID =1 mA
2
4
V
RDS(on)
St atic Drain-source On
Resist ance
VGS =10V
ID = 90 A
0. 004
0.006
Ω
DYNAMIC
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS =15 V
ID =90 A
100
S
Ciss
Coss
Crss
I nput Capacitance
Output Capacit ance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS =0 V
12
5200
1200
nF
pF
pF
SWITCHING ON
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD =25 V
ID =90 A
RG =4.7
Ω
VGS =10 V
(see test circuit, figure 1)
55
210
ns
ns
(di/dt) on
Turn-on Current Slope
VDD =40 V
ID = 180 A
RG =4.7
Ω
VGS =10 V
(see test circuit, figure 3)
900
A/
µs
Qg
Total Gate Charge
VDD =40 V
ID =180 A
VGS =10 V
270
nC
STE180N05
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com