Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2242A Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC.

Part # TMC2242A
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242A Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC.

Back Button TMC2242A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TMC2242A/TMC2242B
PRODUCT SPECIFICATION
15
Mechanical Dimensions – 44-Lead MQFP Package
D
D1
E1
E
e
PIN 1
IDENTIFIER
B
Base Plane
Seating Plane
See Lead Detail
C
0.063" Ref (1.60mm)
L
-C-
ccc
C
LEAD COPLANARITY
A2
A
A1
a
A
.077
.093
1.95
2.35
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.000
.010
.00
.25
.083
2.11
A2
.077
1.95
B
.012
.018
.30
.46
D/E
.510
.530
12.95
13.45
D1/E1
.390
.398
9.90
10.10
.032 BSC
.81 BSC
e
L
.026
.037
.66
.94
6
4
5
2
7
C
.005
.009
.13
.23
a
0
¡
7
¡
0
¡
7
¡
N44
44
11
11
ND
ccc
.004
0.10
——
Notes:
1.
2.
3.
4.
5.
6.
7.
All dimensions and tolerances conform to ANSI Y14.5M-1982.
Dimensions "D1" and "E1" do not include mold protrusion.
Pin 1 identifier is optional.
Dimension N: number of terminals.
Dimension ND: Number of terminals per package edge.
"L" is the length of terminal for soldering to a substrate.
"B" includes lead finish thickness.
44 Lead Metric Quad Flat Pack (MQFP) – 3.2mm Footprint
Rev 1.0
11/28/95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com