Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1066C25F38F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM1066C25F38F
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066C25F38F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM1066C25F38F Datasheet HTML 8Page - STMicroelectronics STM1066C25F38F Datasheet HTML 9Page - STMicroelectronics STM1066C25F38F Datasheet HTML 10Page - STMicroelectronics STM1066C25F38F Datasheet HTML 11Page - STMicroelectronics STM1066C25F38F Datasheet HTML 12Page - STMicroelectronics STM1066C25F38F Datasheet HTML 13Page - STMicroelectronics STM1066C25F38F Datasheet HTML 14Page - STMicroelectronics STM1066C25F38F Datasheet HTML 15Page - STMicroelectronics STM1066C25F38F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Maximum ratings
STM1066
12/20
4
Maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
Remarks
VCC
Input supply voltage
–0.2
+7.0
V
VIN
Output source voltage
–0.2
+7.0
V
Independent of VCC
VEN
VBUS input
–0.2
VCC + 0.3
V
Series 1M external resistor for
protection
VOUT
Output pin
–0.3
VIN + 0.3
V
VINH
Inhibit pin
–0.3
VCC + 0.3
V
TA
Operating ambient temperature
–30
+85
°C
Storage temperature
–45
+150
°C
Electrostatic protection
–100
+100
V
Machine model
–2000
+2000
V
Human body model
Electrostatic protection
–500
+500
V
Charged device model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com