Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2250A Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC2250A
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2250A Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC2250A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TMC2250A
PRODUCT SPECIFICATION
REV. 1.0.2 10/25/00
9
Figure 2. 3 x 3 Matrix Multiplier Configuration (Mode 00)
12
Z
12 (MSB)
5
RND
12
Y
12 (MSB)
5
RND
KA1
A
12
KA
10
B
12
KB
10
C
12
KC
10
12
21
10
10
1
KA2
12
21
10
10
3
4
KA3
12
21
10
10
3
4
KB1
12
21
10
10
1
3
4
KB2
12
21
10
10
3
4
KB3
12
21
10
10
3
4
KC1
12
21
10
10
1
12
X
12 (MSB)
3
4
KC2
12
21
10
10
3
4
KC3
12
21
10
10
3
4
3
4
5
RND
22
2
22
2
22
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com