| Electronic Components Datasheet Search |
|
L3926AD Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3926AD Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 15 page ![]() DESCRIPTION (continued) When mated with a tone ringer, a complete tele- phone can be produced with just two ICs. The DC line interface circuit develops its own line voltage across the device and it is adjustable by external resistor to suit different country’s specifi- cation. The speech network provides the two to four wires interface, electronic switching between dial- ing and speech and automatic gain control on transmit and receive. The dialing network buffers up to 32 digits into the LND memory that can be later redialed with a sin- gle key input. Additionally, another 13 memories (including 3 emergency memories) of 18 digits memory is available. Users can store all 13 sig- nalling keys and access several unique functions with single key entries. These functions include: Pause/Last Number Dialed (LND), Softswitch, Flash. The FLASH key simulates a timed hook flash to transfer calls or to activate other special features provided by the PABX or central office. The PAUSE key stores a timed pause in the num- ber sequence. Redial is then delayed until an out- side line can be accessed or some other activity occurs before normal signaling resumes. A LND key input automatically redials the last number dialed. FUNCTION PIN DESCRIPTION C1, C2, C3, C4, R5, R4, R3, R2, R1 Keyboards inputs. Pins 1, 2, 3, 4, 24, 25, 26, 27, 28. The one chip phone interfaces with either the standard 2-of-9 with negative common or the sin- gle-contact (Form A) keyboard. BLOCK DIAGRAM L3916A - L3926A - L3936A 2/15 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |