Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2242AR2C2 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # TMC2242AR2C2
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242AR2C2 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  TMC2242AR2C2 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242AR2C2 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TMC2242A/TMC2242B
PRODUCT SPECIFICATION
5
Electrical Characteristics
Switching Characteristics
Parameter
Conditions
Min
Typ
Max
Units
IDD
Total Power Supply
Current
VDD = Max, CLOAD=25pF, fCLK=Max
TMC2242A,B
150
mA
TMC2242A-1,B-1
195
mA
TMC2242A-2,B-2
290
mA
IDDU
Power Supply Current,
Unloaded
VDD = Max, OE = HIGH, fCLK=Max
TMC2242A,B
120
mA
TMC2242A-1,B-1
155
mA
TMC2242A-2,B-2
230
mA
IDDQ
Power Supply Current,
Quiescent
VDD = Max, CLK = LOW
5
mA
CPIN
I/O Pin Capacitance
5
pF
IIH
Input Current, HIGH
VDD = Max, VIN = VDD
±10
mA
IIL
Input Current, LOW
VDD = Max, VIN = 0 V
±10
mA
IOZH
Leakage Current, HIGH
OE = HIGH, VOUT = VDD
±10
mA
IOZL
Leakage Current, LOW
OE = HIGH, VOUT = 0 V
±10
mA
IOS
Short-Circuit Current
VDD = Max, Output = HIGH, one pin to
ground, one second duration max.
-20
-80
mA
VOH
Output Voltage, HIGH
SO15-0, IOH = Max
2.4
V
VOL
Output Voltage, LOW
SO15-0, IOL = Max
0.4
V
Parameter
Conditions
Min
Typ
Max
Units
tDO
Output Delay Time
CLOAD = 25 pF
15
ns
tHO
Output Hold Time
CLOAD = 25 pF
2.5
ns
tENA
Output Enable Time
CLOAD = 0 pF
12
ns
tDIS
Output Disable Time
CLOAD = 0 pF
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com