Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC22091 Datasheet(PDF) 32 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 32 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 36Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
TMC22091/TMC22191
PRODUCT SPECIFICATION
32
VITS Insertion
In both NTSC and PAL, the TMC22x91 can be set up to
allow Vertical Interval Test Signals (VITS) in the vertical
interval in place of normal black burst lines (UBB). This is
controlled by Interface Control Register bit 7. If this bit is
LOW, UBB lines are black burst and are independent of
TMC22x91 input data. If the bit is HIGH, all vertical interval
UBB lines become UVV. UVV lines are active video and
depend upon data input to the TMC22x91. VITS lines may
carry special test signals or pass captioning data through the
encoder.
Edge Control
SMPTE 170M NTSC and Report 624 PAL video standards
call for specific rise and fall times on critical portions of the
video waveform. The TMC22x91 does this automatically.
The TMC22x91 digitally defines slopes compatible with
SMPTE 170M NTSC or CCIR Report 624 PAL on:
1.
H and V Sync leading and trailing edges.
2.
Burst envelope.
3.
Active video leading and trailing edges.
Subcarrier Programming
The color subcarrier is produced by an internal 32-bit digital
frequency synthesizer which is completely programmable in
frequency and phase. Separate registers are provided for phase
adjustment of the color burst and of the active video, permit-
ting external delay compensation and color adjustment.
In Master or Slave mode, the subcarrier is internally syn-
chronized to establish and maintain a specified relationship
between the falling edge of horizontal sync and color burst
phase (SCH). In NTSC and PAL, SCH synchronization is
performed every eight fields, on field 1 of the eight-field
sequence. Proper subcarrier phase is maintained through the
entire eight fields, including the 25 Hz offset in PAL
systems. See the description of 8FSUBR under Test Control
Register bit 1 for the subcarrier reset function.
In Genlock mode, the phase and relative frequency of the
incoming video are transmitted by the TMC22071 Genlock-
ing Video Digitizer over the CVBS bus at the beginning of
each line, which synchronize the digital subcarrier synthe-
sizer. When key control register bit BUKEN is HIGH and
digitized burst from the TMC22071 is passed through to the
reconstruction D/A converter, the reference subcarrier for the
chrominance modulator is still synthesized within the
encoder.
Table 12. Standard Timing Parameters
Notes:
1. XBP, VA, VC, and VB are 10-bit values. The 2 MSBs for these four variables are in Timing Register 18. See Table 3.
2. EH and SL are 9-bit values. A most significant "1" is forced by the TMC22x91 since EH and SL must range from 256 to 511.
EH and SL may be extended to 767. Only the eight LSBs are stored in Timing Registers 1B and 1C.
3. Every calculated timing parameter has a minimum value of 5 except EH and SL which have minimum values of 256.
Standard
Field
Rate
(Hz)
Horizontal
Freq.
(kHz)
Pixel
Rate
(Mpps)
PXCK
Freq.
(MHz)
Timing Register (hex)
SY
10
BR
11
BU
12
CBP
13
XBP
14
VA
15
VC
16
VB
17
Note 1
18
FP
19
EL
1A
EH2
1B
SL2
1C
SH
1D
CBL
1E
NTSC sqr.
pixel
59.94 15.734266
12.27
24.54
3A
07
1F
0F
23
8B
05
77
65
12
1C
6A
4C
3A
52
NTSC
CCIR-601
59.94 15.734266
13.50
27.00
40
08
22
13
3F
CA
1D
9D
65
13
1F
8E
6E
3F
59
NTSC 4x
FSC
59.94 15.734266
14.32
28.64
43
09
24
12
54
F7
30
B5
65
15
21
A6
84
43
5F
PAL sqr.
pixel
50.00 15.625000
14.75
29.50
45
0D
21
21
6D
03
2B
B7
75
19
23
B5
93
45
61
PAL
CCIR-601
50.00 15.625000
13.50
27.00
40
0C
1E
22
4D
BE
0E
93
65
16
20
90
71
3F
58
PAL 15
Mpps
50.00 15.625000
15.00
30.00
46
0D
22
21
73
11
31
BF
75
19
23
BD
9A
47
62
PAL-M
sqr.pixel
60.00 15.750000
12.50
25.01
3E
0B
1C
13
26
86
FE
8B
61
18
1D
70
53
3A
52
PAL-M
CCIR-601
60.00 15,750000
13.50
27.00
44
0C
1E
13
26
Bf
12
99
65
1A
1F
8E
6E
3F
57
PAL-M 4x
FSC
60.00 15,750000
14.30
28.60
47
0D
20
15
4C
E8
22
AC
65
1B
21
A5
84
42
5D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com