Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2798 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2798
Description  125 MHz differential bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2798 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2798 Datasheet HTML 1Page - KR Electronics, Inc. 2798 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH2
S 21
log MAG
REF -2 dB
1 dB/
CH2 CENTER 125.000 000 MHz
SPAN
8.000 000 MHz
Cor
PRm
4 Oct 2007 19:10:48
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 125.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
4 Oct 2007 19:11:00
KR Electronics
KR 2798 is a 125 MHz differential bandpass filter. The filter has
a typical 3 dB bandwidth of 6.25 MHz and is designed for a bal-
anced source and load impedance of 100
Ω. Other passband fre-
quencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 125 MHz Center Frequency
• DIP Package
• 100 Ω Differential Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude
(1 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2798

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2798 POMONA-2798 Datasheet
26Kb / 1P
Phone Plug (WE 310) To BNC Female Adapter
logo
Heyco.
2798 HEYCO-2798 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Presto International UK...
27980 PRESTO-27980 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Festo Corporation.
2798071 FESTO-2798071 Datasheet
79Kb / 2P
Bus node
logo
PHOENIX CONTACT
2798530 PHOENIX-2798530 Datasheet
445Kb / 8P
UBK 2-500 - Surge protection device
More results

Similar Description - 2798

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2786-2 KR-2786-2 Datasheet
63Kb / 2P
90 MHz differential bandpass filter
2786-3 KR-2786-3 Datasheet
63Kb / 2P
130 MHz differential bandpass filter
2786-4 KR-2786-4 Datasheet
63Kb / 2P
36.125 MHz differential bandpass filter
2786-5 KR-2786-5 Datasheet
63Kb / 2P
43.875 MHz differential bandpass filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2587-125-1 KR-2587-125-1 Datasheet
105Kb / 3P
125 MHz Bandpass Filter
3194-SMA KR-3194-SMA Datasheet
99Kb / 3P
125 MHz Bandpass
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com