Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8L21 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 8L21
Description  Spartan DIP Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

8L21 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  8L21 Datasheet HTML 1Page - RHOPOINT COMPONENTS 8L21 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com
E
E
E
E
ECONOMY
CONOMY
CONOMY
CONOMY
CONOMY
DIP R
DIP R
DIP R
DIP R
DIP REED
EED
EED
EED
EED
R
R
R
R
RELAYS
ELAYS
ELAYS
ELAYS
ELAYS
The Coto 8L00 Spartan Series relays combine Coto quality and economy
in the industry standard 14 pin molded DIP package. This series will cross
to all competitive DIP packages and is ideal for telecom, security, and
other general purpose applications.
8L00 S
8L00 S
8L00 S
8L00 S
8L00 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEATURES
EATURES
EATURES
EATURES
EATURES
u Drop-in low cost replacement for industry standard DIP packages.
u Available in Form 1A, 1C, 2A and 1B packages and 5, 12, and
24 V coil designs.
u Molded thermoset body on integral lead frame design.
u Hermetically Sealed Contacts.
u Optional Electrostatic Shield and Coil Suppression Diode.
8L00 Series/Spartan DIP Reed Relays
NEW!
Dimensions in Inches
(Millimeters)
2
3
4
4
3


Similar Part No. - 8L21

ManufacturerPart #DatasheetDescription
logo
Coto Technology
8L21-05-00 COTO-8L21-05-00 Datasheet
330Kb / 2P
Spartan DIP Reed Relays
8L21-05-01 COTO-8L21-05-01 Datasheet
330Kb / 2P
Spartan DIP Reed Relays
8L21-05-10 COTO-8L21-05-10 Datasheet
330Kb / 2P
Spartan DIP Reed Relays
8L21-05-11 COTO-8L21-05-11 Datasheet
330Kb / 2P
Spartan DIP Reed Relays
8L21-12-00 COTO-8L21-12-00 Datasheet
330Kb / 2P
Spartan DIP Reed Relays
More results

Similar Description - 8L21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
Spartan SIP Reed Relays
8L00 ETC-8L00 Datasheet
104Kb / 2P
Spartan DIP Reed Relays
logo
Coto Technology
8L01-05-001 COTO-8L01-05-001 Datasheet
330Kb / 2P
Spartan DIP Reed Relays
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
Spartan SIP Reed Relays
logo
Meder Electronic
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
logo
Coto Technology
8L01 COTO-8L01 Datasheet
1Mb / 2P
8L SERIES/SPARTAN DIP REED RELAYS
9007 COTO-9007 Datasheet
557Kb / 2P
9007 SERIES/SPARTAN SIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com