Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC-721 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # RC-721
Description  19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-721 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  RC-721 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chassis
Meets EIA RS-310C 19" 2U high, rackmount standard; heavy-duty
steel, SECC 1.2t (Japan)
Drive Space
External: 5.25" space x 1 + 3.5" space x 1
Internal: 3.5" space x 1
Front Panel
Power switch, reset button; power and HDD active LED
Thermal Solution
8cm ball bearing cooling x 2 fan and removable air filter
Altitude
15,000 feet
Power Supply
250W AT or ATX power supply
Temperature
0~+50
oC (operating); 0~+70oC (storage)
Humidity
5~95%; non-condensing
Safety Standard
FCC/CE on chassis and FCC/CE/UL/TUV on power supply
Dimensions (L x W x H)
48.0 x 42.7 x 8.82 cm
Specifications
RC-721
19" 2U High, Full-size Rackmount Chassis with
6-slot Backplane, 250W AT/ATX P/S
Provides PICMG1.3 Full-size Backplane
Industrial Chassis
19" 2U high, rackmount chassis compliant to EIA RS-310C
standard
Detachable card cage for easy installation and maintenance
Provides 6-slot PICMG1.3 full-size or PICMG Bus backplane
(PCI x 3, ISA x 3), 250W AT/ATX power supply
External: 5.25" space x 1 + 3.5" space x 1
Internal: 3.5" space x 1
8cm ball bearing cooling fan x 2
Dual lockable latch doors
FCC/CE industrial Class A approval
Features
RC-721B
19" 2U High, Full-size Rackmount Chassis (notify AT or ATX)
RC-721B (blue door)
19" 2U High, Full-size Rackmount Chassis w/PCIE-5SD B/P
RC-721B-6SD2(AT)
RC-721B Chassis w/HPCI-6SD2 B/P
RC-721BA-6SD2(AT)
RC-721B Chassis w/HPCI-6SD2 B/P, ZKS-250AE AT P/S
Ordering Guide
42.7
48.18
46.5
8.82
4.41
S2
S1
RES
S2
S1
disc


Similar Part No. - RC-721

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-720B BOSER-RC-720B Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-720BA BOSER-RC-720BA Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
More results

Similar Description - RC-721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
logo
BOSER Technology Co., L...
RC-147 BOSER-RC-147 Datasheet
178Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
RC-161 BOSER-RC-161 Datasheet
157Kb / 1P
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com