Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC-730BA Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # RC-730BA
Description  19" 3U High, Full-size Rackmount Chassis with MainBoard, Riser Card, 300W ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-730BA Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  RC-730BA Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chassis
Meets EIA RS-310C 19" 3U high, rackmount standard; heavy-duty
steel, SECC 1.2t (Japan)
Drive Space
External: 5.25" space x 4 + 3.5" space x 2
Internal: 3.5" space x 1
Front Panel
Power switch, reset button and USB or PS/2 keyboard connectors;
power and HDD active LED
Thermal Solution
System environmental monitor (optional) and removable air filter;
7-slot: 6cm ball bearing cooling fan x 1, optional 8cm ball bearing
cooling fan x 3;
14-slot: 8cm ball bearing cooling fan x 3 (optional)
Altitude
15,000 feet
Power Supply
300W ATX power supply
Temperature
0~+50
oC (operating); 0~+70oC (storage)
Humidity
5~95%; non-condensing
Safety Standard
FCC/CE on chassis and FCC/CE/UL/TUV on power supply
Dimensions (L x W x H)
48.0 x 42.7 x 13.2 cm
Specifications
RC-730
19" 3U High, Full-size Rackmount Chassis with
MainBoard, Riser Card, 300W ATX P/S
Industrial Chassis
19" 3U high, rackmount chassis compliant to EIA RS-310C
standard
Detachable card cage for easy installation and maintenance
Provides mainboard, riser card, 300W ATX power supply
External: 5.25" space x 4 + 3.5" space x 2
Internal: 3.5" space x 1
7-slot has 6cm ball bearing cooling fan x 1, optional 8cm ball
bearing cooling fan x 3;
14-slot has 8cm ball bearing cooling fan x 3 (optional)
Dual lockable latch doors
FCC/CE industrial Class A approval
System environmental monitor (optional)
Features
RC-730B
19" 3U High, Full-size Rackmount Chassis (notify 7 or 14-slot, AT or ATX)
RC-730BA
RC-730B Chassis w/2U 300W PFC ATX P/S
Accessory Options
HPP-6S (by order)
6-slot Riser Card
Ordering Guide
48.18
46.5
42.7
6.63
13.2
S2
S1
S1
S2
RES
7 Slot
14 Slot
42.7
48.18
46.5
6.63
13.2
S2
S1
S1
S2
RES


Similar Part No. - RC-730BA

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-7 TRIAD-RC-7 Datasheet
37Kb / 1P
RC-7
logo
BOSER Technology Co., L...
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-720B BOSER-RC-720B Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-720BA BOSER-RC-720BA Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results

Similar Description - RC-730BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
BOSER Technology Co., L...
KVM-9000 BOSER-KVM-9000_1 Datasheet
672Kb / 24P
19??1U High, Full-size Rackmount Chassis
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-193 BOSER-RC-193 Datasheet
172Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 20-slot Backplane, 400W Redundant P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741 BOSER-RC-741_1 Datasheet
838Kb / 24P
19??4U High, Full-size Rackmount Chassis
logo
AAEON Technology
ARC-635M AAEON-ARC-635M Datasheet
457Kb / 2P
3U Height 19??Rackmount Chassis
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com