Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-152SD/SD-XD-TD Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-152SD/SD-XD-TD
Description  Series 152 - 1206 - Bipolar monocolor low cost
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-152SD/SD-XD-TD Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-152SD/SD-XD-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-152SD/SD-XD-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-152SD/SD-XD-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-152SD/SD-XD-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-152SD/SD-XD-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-152 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com