Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-EVAL2R2 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # GPS-EVAL2R2
Description  GPS MODULE EVALUATION BOARD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-EVAL2R2 Datasheet(HTML) 4 Page - rfsolutions.ltd

  GPS-EVAL2R2 Datasheet HTML 1Page - rfsolutions.ltd GPS-EVAL2R2 Datasheet HTML 2Page - rfsolutions.ltd GPS-EVAL2R2 Datasheet HTML 3Page - rfsolutions.ltd GPS-EVAL2R2 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS033-3 July 2004
©2004 Reg. No. 227 4001, England
Page
4
GPS MODULE EVALUATION BOARD
Antenna Information
Specifications
Parameter
Min
Typ
Max
Foperating
1574.42 MHz
Bandwidth
2.046 MHz
Operating Temp range
-20
0C
85
0C
Connector
SMA
Patch Antenna
Polarization
R.H.C.P
Gain to Fo @90
0 elevation
5 Dbi
Output VSWR
2
Impedance
50 Ohm
Antenna + LNA
Gain to Fo
27 dB
29 dB
33 dB
Noise Figure
1.7dB
Voltage Supply
2.7 V
3.3 V
3.9 V
Current Consumption
12 Ma
For more information or general enquiries, please contact:
RF Solutions Ltd.,
Unit 21 Cliffe Industrial Estate, South Street,
Lewes, East Sussex, BN8 6JL, England
Tel: +44 (0)1273 898 000 Fax: +44 (0)1273 480 661
Email: sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
All Trademarks acknowledged and remain the property of the respected owners.
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
The GPS antenna is a compact active antenna
designed for use with GPS module GPSM001. The
antenna is equipped with a magnetic base so can
be easily mounted. Due to the low power
consumption it is ideal for portable devices.
Features
•
Active antenna design
•
5 meter coax connecting cable
•
100 mm SMA-to-HFL conversion cable suppli
••
Small size 39 x 35 x 12.5 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com