Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICEPIC2 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # ICEPIC2
Description  MODULAR, REAL TIME EMULATOR SYSTEM FOR ALL PIC?셲
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ICEPIC2 Datasheet(HTML) 2 Page - rfsolutions.ltd

  ICEPIC2 Datasheet HTML 1Page - rfsolutions.ltd ICEPIC2 Datasheet HTML 2Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IIC
CE
EP
PIIC
C2
2
©1999 RF Solutions Ltd, ENGLAND. Tel +44 (0) 1273 898 000. Fax +44 (0) 1273 480661.
DS044
V2.0
All Trademarks acknowledged and remain the property of the respective owners.
Page 2
TECHNICAL SPECIFICATION
FEATURES
SPECIFICATION
COMMENTS
Emulation Speed
32KHz to
to 20Mhz
to 33Mhz
Real Time Emulation from 32KHz to the following speeds according to
the Microchip Emulation chip on the Daughterboard (DB):
for DB’s using PIC16C01/3
for DB’s using PIC17C03 (for 17CXX series)
Emulation Memory
16K
Real Time Trace
Circular 8k memory
Unlimited hardware trace points on any address/address ranges
Hardware Trigger Output
one
Unlimited Trigger outputs on any address/address ranges
IDE
Yes
3 Available -
Microchip MPLAB interface
-
ICEPIC32 for Windows 95/NT
-
ICEPIC16 for Windows 3.X
Source Level Debug
Yes
MPASM Compatible (Microchip Assembler)
“C” Source Level Debug
Yes
Compatible with all known currently available Compilers
Freeze Mode
Yes
Peripherals run/stop when halted, software controlled
Break Points
Yes
Effectively unlimited number of Break Points
Stack Breaks
Yes
Limited by Emulator Chip (available on all 16CXX, & 17CXX)
WDT Breaks
Yes
Limited by Emulator Chip (available on all 16CXX, & 17CXX)
Stack View
Yes
Direct Stack watch window available
Custom WatchPoints
Yes
Multibyte watch points can be set and modified
Assembler Support
MPASM
Microchip Universal Assembler Support
User Interface
Windows
MS Windows NT, 98, 95, & 3.11.
Host Interface
RS-232”C”
Communications Speed up to 115Kbps
Power Supply
Supplied
International power supply. (IEC Connector)
ICEPIC2 is supplied as a system, including emulator unit, power supply, RS232 cable, full supporting documentation and software
(including Microchip’s MPASM).
Each personality daughter boards is interchangeable with ICEPIC and ICEPIC2 (as listed below)
and are available separately. New daughterboards are continually in development so please check with our sales department for the
latest product availability.
EMULATOR SYSTEM
PART No
ICEPIC2 SYSTEM
ICEPIC2-SYS
For further information and demo software –
RF Solutions Ltd,
Unit 12,
Cliffe Industrial Estate,
Lewes,
E Sussex. BN8 6JL
Tel : +44 (0)1273 898 000
Fax : +44 (0)1273 480 661
E-mail sales@rfsolutions.co.uk
Web Page : http://www.rfsolutions.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com