Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICEPIC3 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # ICEPIC3
Description  MODULAR, REAL TIME EMULATOR SYSTEM FOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ICEPIC3 Datasheet(HTML) 3 Page - rfsolutions.ltd

  ICEPIC3 Datasheet HTML 1Page - rfsolutions.ltd ICEPIC3 Datasheet HTML 2Page - rfsolutions.ltd ICEPIC3 Datasheet HTML 3Page - rfsolutions.ltd ICEPIC3 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICEPIC3
DS050-4, April 05
©2005 RF Solutions Ltd, ENGLAND. Tel +44 (0) 1273 898 000. Fax +44 (0) 1273 480661.
Page 3
All Trademarks acknowledged and remain the property of the respective owners.
Technical Specifications
Features
Specification
Comments
Emulation Capability
PIC12, 16, 18
Capable of emulating all available PIC Micros.
(Subject to availability of relevant ‘daughterboard’ adaptor)
Emulation Speed
1KHz to 25MHz
Limited by Emulation IC. Speed is user selectable via host software
Emulation Memory
2MB (max)
upto 2Mb with additional Trace Board to support 18Cxxx address space
Emulation Voltage
2.8 / 5V
Also capable of 1.8V emulation (Future Release)
External Emulation Capability
Yes
Single Step, RUN, HALT, TRACE on both internal and external (user’s
target board) program memory access.
Emulator Upgrade
Yes
Software Upgrades can be downloaded from internet.
IDE
Yes
MPLAB
32 bit Integrated Development Environment
Source Level Debug
(high Level Language)
Yes
Hardware Support for any ‘Microchip compatible’ high level compiler
Assembler Support
MPASM
Microchip Universal Assembler Support
Real Time Trace
Yes
Using Optional Modular Trace Board(s)
Program Memory Break Points
Yes
Break on any address; Program memory match
Ram Data Break Points
Break on Data Ram Match
Break on Data Ram Access
Yes
Yes
Yes
Effectively unlimited number of Break Points, User Selectable Break on
RAM Data Source or destination address;
• Break on Data Ram Access or Ram Data match conditions:
Equal to
Not Equal to
Less than
Greater than
• Break on AND / OR condition of Data Memory address & data breaks
together
Stack, WDT Breaks
Yes
Stack View
Yes
Direct Stack watch window available
Custom WatchPoints
Yes
Multibyte watch points can be set and modified
User Interface
Win 2000, NT, XP
Special driver support needed for USB support on NT
Host Interface
High Speed USB
Plug & Play windows peripheral
Power Supply
Supplied
Input: 110V-230Vac. Output: 9Vdc, 0.75A. IEC Adapter Socket
Feature comparison of ICEPIC3 and ICE2000
Features
ICEPIC3
ICE2000
Type of connection to PC
HOT Plug High speed USB
Parallel
Break Points
Unlimited
Unlimited
IDE
MPLAB
MPLAB
Microchip Assembler & C Compatible
Yes
Yes
Real time Emulation
Full speed of Emulation Chip
Full speed of Emulation Chip
Emulation voltage
2.8 / 5V Emulation
2.5 / 5.5
External Emulation Capability
Yes
Yes
Emulation Capability
PIC12, 16, 18
PIC12C, 16, 17C, 18
Trace Buffer size
64K by 128bits*
32K by 128bits
Complex Break / Trigger Points
Unlimited External Inputs
8 External Inputs
Firmware Upgradeable
Yes
N/A
Real Time Trace
Yes*
Yes
Program Memory Break Points
Address and Data
Address and Data
*With optional trace board fitted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com