Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-103C8-433NB Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # FM-103C8-433NB
Description  RADIO TRANSMITTER ENCODERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-103C8-433NB Datasheet(HTML) 2 Page - rfsolutions.ltd

  FM-103C8-433NB Datasheet HTML 1Page - rfsolutions.ltd FM-103C8-433NB Datasheet HTML 2Page - rfsolutions.ltd FM-103C8-433NB Datasheet HTML 3Page - rfsolutions.ltd FM-103C8-433NB Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS103_3
Jan ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 2
103 & 107 SERIES RADIO TRANSMITTER ENCODERS
Operation
The Tx encoder transmits the KEELOQ code for as long as any push-button switch is depressed.
Operation of the Tx encoder buttons will cause either a momentary or a latching action at the Rx decoder,
depending on the configuration of the Rx decoder.
Low Battery
When the unit measures a low battery voltage level, the transmit LED flashes during transmission, and
the data transmitted includes a ‘Low battery’ status flag to the receiver decoder.
Power Supply
The circuit has been designed to operate from 2 PP3 Batteries. Always use Alkaline for long battery life..
Note: reverse voltage polarity connection will cause damage to the circuit.
Antenna
An external ¼ wave flexi antenna is supplied with this product. This has been optimised to provide
maximum range.
License Exemption
The transmitter encoders use ECM compliant radio transmitter modules and comply with ETSI330-220.
KEELOQ Protocol Configuration
All devices are supplied with a RF Solutions manufacturers ID, directly compatible for use with RF
Solutions decoders.
Each encoder is supplied ready programmed with a unique random serial number. The decoder has the
ability to memorise this serial number using a simple learn procedure (please see decoder datasheet).
How does KEELOQ technology work?
KEELOQ is based on a code hopping algorithm which provides Rock Solid Security. KEELOQ uses
a programmable 64-bit encryption key that is unique to each device to generate 32-bit hopping
code. The key length and hopping code combination reduces the possibility of unwanted access,
due to code grabbing and code scanning, to essentially zero. Such CIA-like levels of security are
desirable, but many manufacturers would expect them to be cost-prohibitive. KEELOQ offers the
solution for affordable, Rock Solid Security that is the future of technology for the cars, homes and
offices we wish to protect.
Programming the manufacturers ID / Custom Protocol Configuration
Access to the to the HCS360 KEELOQ encoder is through the connector J8.
For supply of custom programmed product please see the form ‘KEELOQ configuration template’ this is
the information we require in order to supply custom programmed devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com