Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230 Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # 230
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

230 Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button 230 Datasheet HTML 3Page - rfsolutions.ltd 230 Datasheet HTML 4Page - rfsolutions.ltd 230 Datasheet HTML 5Page - rfsolutions.ltd 230 Datasheet HTML 6Page - rfsolutions.ltd 230 Datasheet HTML 7Page - rfsolutions.ltd 230 Datasheet HTML 8Page - rfsolutions.ltd 230 Datasheet HTML 9Page - rfsolutions.ltd 230 Datasheet HTML 10Page - rfsolutions.ltd 230 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 8
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
Technical Specifications
Dimensions: Within DIN Rail: 200Tx : 112 x 82 mm (PCB: 109 x 72mm)
201Tx 160 x 82 mm (PCB: 145 x 72mm)
Storage Temperature; -10 to +155
o C
Operating Temperature; -0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage: 12V Supply
10
12
16
V
Supply Voltage: 24V Supply
21
24
30
V
Antenna Output Lead Impedance
50
Ohms
Minimum input activation time to trigger transmission
5
ms
433MHz / 433NBMHz Version
Supply Current: Quiescent
10
mA
Supply Current: Transmitting Data
150
170
200
mA
458MHZ Version
Supply Current: Quiescent
10
mA
Supply Current: Transmitting Data
240
250
270
mA
200 Transmitter Current Consumption
Min
Typical
Max
Units
433MHz / 433NBMHz Version
Supply Current: Quiescent
10
mA
Supply Current: Transmitting Data
150
170
200
mA
458MHZ Version
Supply Current: Quiescent
10
mA
Supply Current: Transmitting Data
240
250
270
mA
201 Transmitter Current Consumption
Min
Typical
Max
Units
Supply Current: Quiescent
60
nA
Supply Current: Transmitting - 433MHz NB module
50
mA
Supply Current: Transmitting - 458MHz module
180
mA
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate, South Street, Lewes,
E. Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com