Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS18062 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS18062
Description  Military Standard Connector Index
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS18062 Datasheet(HTML) 1 Page - Glenair, Inc.

  MS18062 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
F-7
E-Mail: sales@glenair.com
www.glenair.com
*
Consult factory
**
Connector does not accommodate rear accessories
PART NO.
CONN.
SPECIFICATION
SERIES
DESCRIPTION
DESIG.
Military Standard Connector Index
MS3400
A
MIL-C-5015
MS3400
Receptacle, Wall Mtg
MS3401
A
MIL-C-5015
MS3400
Receptacle, Cable Connecting
MS3402
**
MIL-C-5015
MS3400
Receptacle,,Box Mtg
MS3404
A
MIL-C-5015
MS3400
Receptacle, Jam Nut
MS3406
A
MIL-C-5015
MS3400
Plug
MS3408
A
MIL-C-5015
MS3400
Plug, 90
°
MS3409
A
MIL-C-5015
MS3400
Plug, 45
°
MS3412
A
MIL-C-5015
MS3400
Receptacle, Wall Mtg
MS3424
A
MIL-C-81703
3
Receptacle, Push Pull, Wall Mtg
MS3440
**
MIL-C-26482
2
Receptacle, Narrow Flange Mtg (was M83723/9/10)
MS3442
**
MIL-C-26482
2
Receptacle, Wide Flange Mtg
MS3443
**
MIL-C-26482
2
Receptacle, Solder Flange Mtg
MS3445
*
MIL-C-81703
2
Plug, Push Pull, Rack & Panel Mtg
MS3446
A
MIL-C-81703
3
Plug, Rack & Panel
MS3449
**
MIL-C-26482
2
Receptacle, Single Hole Mtg
MS3450
A
MIL-C-5015
MS3450
Receptacle, Wall Mtg (was M83723/19/20)
MS3451
A
MIL-C-5015
MS3450
Receptacle, Cable Connecting (was M83723/17/18)
MS3452
**
MIL-C-5015
MS3450
Receptacle, Box Mtg (was M83723/21/22)
MS3454
A
MIL-C-5015
MS3450
Receptacle, Jam Nut
MS3456
A
MIL-C-5015
MS3450
Plug, Straight (was M83723/23/24)
MS3459
A
MIL-C-5015
MS3450
Plug, Straight, Self Locking (was M83723/52/53)
MS3463
**
MIL-C-81703
3
Receptacle, Push Pull
MS3464
A
MIL-C-81703
3
Receptacle, Push Pull, Jam Nut
MS3466
**
MIL-C-81703
3
Receptacle, Push Pull, Hermetic
MS3467
A
MIL-C-81703
3
Plug, Push Pull
MS3468
A
MIL-C-81703
3
Plug, Push Pull, Lanyard
MS3469
**
MIL-C-81703
3
Receptacle, Push Pull, Hermetic, Jam Nut
MS3470
A
MIL-C-26482
2
Receptacle, Narrow Flange Mtg (was M83723/1/2)
MS3471
A
MIL-C-26482
2
Receptacle, Cable Connecting (was M83723/7/8)
MS3472
A
MIL-C-26482
2
Receptacle, Wide Flange Mtg (was M83723/3/4)
MS3473
**
MIL-C-26482
2
Receptacle, Solder Mtg, Hermetic
MS3474
A
MIL-C-26482
2
Receptacle, Rear Mtg, Jam Nut (was M83723/5/6)
MS3475
A
MIL-C-26482
2
Plug, RFI Shielded (was M83723/42/43)
MS3476
A
MIL-C-26482
2
Plug, Straight (was M83723/13/14)
MS3477
**
MIL-C-26482
2
Receptacle Hermetic, Box Mtg
MS3479
**
MIL-C-26482
2
Receptacle, Hermetic, Rear Mtg, Jam Nut
MS17343
C
MIL-C-22992
R
Receptacle, Wall Mtg
MS17344
C
MIL-C-22992
R
Plug, Straight
MS17345
C
MIL-C-22992
R
Plug, Cable Connecting
MS17346
C
MIL-C-22992
R
Receptacle, Box Mtg
MS17347
C
MIL-C-22992
R
Receptacle, Jam Nut
MS17348
C
MIL-C-22992
R
Receptacle, Jam Nut, Box Mtg
MS18062
**
MIL-C-22992
R
Dummy Receptacle
MS20026
*
MIL-C-27599
Receptacle, Wall Mtg, Solder
MS20027
*
MIL-C-27599
Receptacle, Line
MS20028
*
MIL-C-27599
Plug, Straight
MS20029
**
MIL-C-27599
Receptacle, Jam Nut Mtg


Similar Part No. - MS18062

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS180LH1-HRMJ-088V100 HIROSE-MS180LH1-HRMJ-088V100 Datasheet
381Kb / 8P
Subminiature Coaxial Switch 0.85 mm High, DC to 11 GHz
MS180LH3-HRMJ-040V100 HIROSE-MS180LH3-HRMJ-040V100 Datasheet
381Kb / 8P
Subminiature Coaxial Switch 0.85 mm High, DC to 11 GHz
More results

Similar Description - MS18062

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C17SA ETC2-C17SA Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
logo
Glenair, Inc.
MS3100 GLENAIR-MS3100 Datasheet
59Kb / 1P
Military Standard Connector Index
MS20030 GLENAIR-MS20030 Datasheet
59Kb / 1P
Military Standard Connector Index
MS27513 GLENAIR-MS27513 Datasheet
59Kb / 1P
Military Standard Connector Index
M8151125 GLENAIR-M8151125 Datasheet
58Kb / 1P
Military Standard Connector Index
M83723-20 GLENAIR-M83723-20 Datasheet
58Kb / 1P
Military Standard Connector Index
M83723-94 GLENAIR-M83723-94 Datasheet
58Kb / 1P
Military Standard Connector Index
logo
API Technologies Corp
MN3850 APITECH-MN3850 Datasheet
779Kb / 4P
Industry Standard Military 12-bit D/A Converters
logo
Grayhill, Inc
44M30-02-1-12N-F GRAYHILL-44M30-02-1-12N-F Datasheet
292Kb / 10P
1 Diameter, 1 Amp, Standard Military SR04
logo
List of Unclassifed Man...
MIL-STD-1750A ETC1-MIL-STD-1750A Datasheet
607Kb / 172P
Military Standard Sixteen-Bit Computer Instruction Set Architecture
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com