Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF600T-EVAL Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # RF600T-EVAL
Description  Smart Radio Evaluation Kit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T-EVAL Datasheet(HTML) 5 Page - rfsolutions.ltd

  RF600T-EVAL Datasheet HTML 1Page - rfsolutions.ltd RF600T-EVAL Datasheet HTML 2Page - rfsolutions.ltd RF600T-EVAL Datasheet HTML 3Page - rfsolutions.ltd RF600T-EVAL Datasheet HTML 4Page - rfsolutions.ltd RF600T-EVAL Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS605-2
25
th FEB 2005
©2005 Reg. No. 227 4001, ENGLAND
Page 5
RF600T-EVAL
Smart Radio Evaluation Kit
Option link settings:
The following table provides a list of the option links that are provide on the evaluation board for
setting the parameters of the “Smart Radio” devices. Please note that only either a RF600T or a
TRXQ1 should be fitted at any one point in time. If the evaluation board is to be used with the
RF600T then the user has the option of being able to select from a choice of 3 types of radio
module. The RXQ1 is a complete transceiver radio module while the RTFQ1/RRFQ1 and
RTFQ2/RRFQ1 are individual transmitter and receiver radio modules.
Option link
Description
Link in
Link out
OPT 1
RF Baud
200us element time
is selected
400us element time
selected
OPT 2
Host Baud
19200 Baud Rate
9600 Baud Rate
OPT 3
\CTS (loop)
Loop mode enabled
Normal operation
OPT 4
Telemetry IN#1
Activate
Deactivate
OPT 5
Telemetry IN#2
Activate
Deactivate
OPT 6
Mode
Broadcast Mode
Addressed mode
TXQ1CH
TRXQ1 frequency select
434.33MHz
433.92MHz
RXQ01-RXQ05
These links allow the use of the
RXQ1 radio module
Active
Inactive
RXQ1CH
RXQ1 radio module frequency
select
434.33MHz
433.92MHz
RT101-RT104
These links allow the use of the
RTFQ1 and RRFQ1 radio
modules
Active
Inactive
RT201-RT204
These links allow the use of the
RTFQ2 and RRFQ2 radio
modules
Active
Inactive
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes, E Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
R F Solutions is a member of the Low Power Radio Association.
All Trademarks acknowledged and remain the property of the respected owners.
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F. Solutions as critical components in life support systems is not authorised except with express written approval from R. F. Solutions Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com