Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X7306 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # X7306
Description  458MHz PZT Telemetry System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X7306 Datasheet(HTML) 1 Page - rfsolutions.ltd

  X7306 Datasheet HTML 1Page - rfsolutions.ltd X7306 Datasheet HTML 2Page - rfsolutions.ltd X7306 Datasheet HTML 3Page - rfsolutions.ltd X7306 Datasheet HTML 4Page - rfsolutions.ltd X7306 Datasheet HTML 5Page - rfsolutions.ltd X7306 Datasheet HTML 6Page - rfsolutions.ltd X7306 Datasheet HTML 7Page - rfsolutions.ltd X7306 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS7306-1 April ’04
©2004 RF Solutions Ltd, www.rfsolutions.co.uk
Page 1
458MHz PZT Telemetry System
X7306
Introduction
This guide covers the X7306 Ltd Telemetry transmitter and receiver units. Used as a matched pair,
these allow camera control telemetry signals to be sent via wireless link from standard camera
control units over distances up to 1000m.
The units utilize a license exempt frequency in the 458MHz range and fourteen channels are
available within the band. The frequency channel of each box is printed on the PCB-mounted module
box as follows:
To offer maximum flexibility, the X7306 Telemetry system supports four different telemetry signal
types:
•
RS232
•
RS485
•
BBV 20mA current loop
•
Baxall 20mA current loop
The X7306 Telemetry system is designed to work alongside the Microvision system which allows the
CCTV video images to be transmitted by wireless link back to the controller.


Similar Description - X7306

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
TX6000 RFSOLUTIONS-TX6000 Datasheet
242Kb / 5P
458MHZ RF TRANSMITTER & RECEIVER
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
Modular Radio Telemetry System
250R1 RFSOLUTIONS-250R1 Datasheet
124Kb / 10P
GSM TELEMETRY SYSTEM
XNET8100 RFSOLUTIONS-XNET8100 Datasheet
133Kb / 4P
DIN RAIIL TELEMETRY SYSTEM
RF803-ALPHA RFSOLUTIONS-RF803-ALPHA Datasheet
876Kb / 16P
EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
logo
SIPAT Co,Ltd
LBT45802 SIPAT-LBT45802 Datasheet
262Kb / 3P
458MHz SAW Filter 2MHz Bandwidth
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
Professional LoRa Telemetry Radio System
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
Multichemistry Buck Battery Charger with Digital Telemetry System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com