Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X8200 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # X8200
Description  Synthesised Radio Modem
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X8200 Datasheet(HTML) 3 Page - rfsolutions.ltd

  X8200 Datasheet HTML 1Page - rfsolutions.ltd X8200 Datasheet HTML 2Page - rfsolutions.ltd X8200 Datasheet HTML 3Page - rfsolutions.ltd X8200 Datasheet HTML 4Page - rfsolutions.ltd X8200 Datasheet HTML 5Page - rfsolutions.ltd X8200 Datasheet HTML 6Page - rfsolutions.ltd X8200 Datasheet HTML 7Page - rfsolutions.ltd X8200 Datasheet HTML 8Page - rfsolutions.ltd X8200 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DS8200-2 April ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 3
Synthesised Radio Modem
X8200
X8200HP
1
Specification
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
NOTE
Frequency Range
868
920
MHz
458.500
458.950
MHz
UK
400.000
480.000
MHz
World
147.000
174.000
MHz
Si (X8200 HP
Only)
Channels
127
Channel Separation
12.5
25.0
25.0
KHz
Start up Time
5.0
10.0
30.0
mSecs
With $ Selected
Modulation
F3D, F1D
10
12
26
Vdc
Power Supply
X8200
X8200HP
10
12
14
Vdc
Baud Rate
1.2
115.2
Kb/s
TRANSMITTER
RF Power X8200
5
500
mW
RF Power X8200HP
1
5
W
Data Input RS232
-10
10
V
Data Input RS485
0
5
V
Frequency Deviation
+/- 3.0
KHz
25KHz Channel
Modulation Rate
DC
10.0
Kbps
Supply Current X8200
X8200HP
340
1800
mA
RECEIVER
IF Frequencies
45/455
MHz
Sensitivity
0.9
V
Bandwidth
+/- 7.5
KHz
Data Output RS232
-10
10
V
Data Output RS485
0
5
V
Carrier Detect
-10
10
V
Supply Current X8200
X8200HP
90
150
mA
Supply Current Standby
0.005
0.007
0.01
mA
1.1
Mechanical and Environmental
Dimensions X8200 UHF 800mW
Length = 140mm Width = 65mm Height = 26mm
Dimensions X8200HP UHF 5W
Length = 147mm Width = 65mm Height = 52mm
Dimensions X8200HP VHF 5W
Length = 174mm Width = 80mm Height = 58mm
Operating Temperature Range
-10 to +55 deg C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com