Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMOD Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # EMOD
Description  Waterproof Radio Remote Controls
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMOD Datasheet(HTML) 2 Page - rfsolutions.ltd

  EMOD Datasheet HTML 1Page - rfsolutions.ltd EMOD Datasheet HTML 2Page - rfsolutions.ltd EMOD Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
A
DS-EMOD-3 Oct ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 2
Tel 01273 898000 Fax 01273 480661
EMOD
Waterproof Radio Remote Controls
Series
RLY 2
RLY 1
RLY 4
RLY 3
Antenna
(Black)
Fixing Hole
4mm DIA (R204 only)
Power Connections
5mm Spade terminals
NO NC
COM
0V (GND) Green
+12V Red
RLY
Supply
L
N GND
Load
COM
N/O
Application Circuit
N/C
Receiver Unit
Connections
The receiver can be powered from either 12Vdc as follows:
Red Wire:
Connect to 12Vdc for use with 12Vdc Supply only
Green Wire:
Connect to 0V (GND)
Black Wire:
Antenna. Do not cut this!. If possible position so that it protrudes in a vertical direction.
Data Outputs
Each output relay provides an isolated switch. Connections are Common (COM), Normally Open (NO) and
Normally Closed (NC).
Please Note: The relay contacts are for functional use only and must not be used for isolation purposes.
Technical Specifications
Dimensions
204 Transmitter:
96 x 47 x 23mm
120 Transmitter:
36 x 66 x 17 mm
EMOD Receiver:
82 x 62 x 34 mm
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage: 12V Supply
11
12
16
V
Supply Current :
Quiescent
All Relays Operating
9
300
mA
mA
Time from Tx Switch depressed to 210Rx output
100
mSecs
Time from Tx Switch release to Decoder output
200
mSecs
Relay Connections when
Transmitter NOT Operating
Relay Connections when
Transmitter OPERATING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com