| Electronic Components Datasheet Search |
|
FIREBLADE-S2 Datasheet(PDF) 4 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
FIREBLADE-S2 Datasheet(HTML) 4 Page - rfsolutions.ltd |
|
4 / 6 page ![]() DSFIREFLY-3 March 08 © 2008 REG No 277 4001, ENGLAND. Page 4 FIREFLY FIREBLADE RADIO REMOTE CONTROL SYSTEMS To learn a new transmitter switch follow this procedure Any transmitter button can be learnt to one or many of the receiver output relays. Each button must be learnt to each relay individually by following this procedure: 1. To select the receiver output relay to learn to: a. Briefly press the receiver Learn switch (SW1) once b. The Learn LED will flash once to indicate output relay 1 is selected c. After the LED stops flashing, press the Learn switch again to select the next relay channel d. Repeat step c until the required output relay is selected. 2. Press the button on the transmitter you want to learn to the relay output. 3. The Learn LED will then illuminate, press the same transmitter button again. 4. The Learn LED will then flash to indicate learning is complete. 5. To test the operation, press the transmitter button again and you will hear the relay ‘click’ as it operates. Erasing Receivers Memory 1. Press and hold the receiver Learn Switch for approx 10 seconds. 2. When the Learn LED turns OFF all memory is erased 3. This is factory default state which is indicated by all output LED’s flashing together. NOTE: You cannot erase individual Tx encoders Receiver Outputs The jumper links configure the outputs to be Momentary, Latching or Timed. The jumper links are made / removed by a small link ‘cap’ placed over the pin header. Jumper Links (LK2 - 4) Outputs 2 - 4 Open Mom (The Output operates for as long as the transmitter switch is held on) Connected Latch (The Output changes state each time the Transmitter is operated) LK0 LK1 Relay Outputs Open Open Output 1 Momentary Open Connected Output 1 Latching Connected Open All Outputs fixed to ½ Second Momentary o/p Connected Connected Output 1, 0 to 5 minutes using Timer selection Potentiometer. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |