Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITH030R22PZ Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITH030R22PZ
Description  Rear Box Mount Receptacle with Accessory Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH030R22PZ Datasheet(HTML) 2 Page - Glenair, Inc.

  ITH030R22PZ Datasheet HTML 1Page - Glenair, Inc. ITH030R22PZ Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
15
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
TABLE I: DIMENSIONS
ITH 030 A and ITH 030 R
Rear Box Mount Receptacle with Accessory Backshell
and a Selection of Cable Clamps
D1
D2
E
L1
L2
L3
L4
Shell Size
+0
FF
F thread
+0.4
-0.15
-0
18
30.8
M4
27.0
1.0000 - 20UNEF
89.0
23.05
4.0
35.0
20
34.2
M4
29.4
1.1875 - 18UNEF
89.0
23.05
4.0
38.0
22
37.4
M4
31.8
1.1875 - 18UNEF
89.0
23.05
4.0
41.0
24
40.9
M4
34.9
1.4375 - 18UNEF
89.0
23.05
4.0
44.5
28
46.7
M5
39.7
1.4375 - 18UNEF
93.0
24.05
4.0
50.8
32
53.4
M5
44.5
1.7500 - 18UNS
93.0
24.05
4.0
57.0
36
59.6
M5
49.2
2.0000 - 18UNS
105.0
24.05
4.0
63.5
40
65.5
M5
55.5
2.2500 - 16UN
105.0
24.05
4.0
69.9
±0.3
±0.1
±0.2
Max.
TABLE II: MODIFICATION CODES
ACCESSORY OPTIONS
N0
Connector less backshell
N1
Connector with IT 3057 A cable clamp
N5
Connector with IT 3057 C cable clamp
N12 Connector with IT 3057 A cable clamp
and IT 3420 neoprene sleeve
Omit for standard version
CONTACT OPTIONS
Sym Description
B0
Connector less contacts
Omit for standard version (Gold Plated
Copper Alloy Contacts Supplied)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F8
Olive Drab Zn-Co Plating
Omit for standard version
(Cad free / black passivation Finish)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com