Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-031237SP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-031237SP
Description  Micro-D Filter Connectors Vertical Printed Circuit Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-031237SP Datasheet(HTML) 1 Page - Glenair, Inc.

  240-031237SP Datasheet HTML 1Page - Glenair, Inc. 240-031237SP Datasheet HTML 2Page - Glenair, Inc. 240-031237SP Datasheet HTML 3Page - Glenair, Inc. 240-031237SP Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-11
E-Mail: sales@glenair.com
F
HOW TO ORDER MICRO-D FILTER VERTICAL MOUNT PCB CONNECTORS
Series
Shell Finish
Number
of
Contacts
Contact
Type
Filter
Type
Filter
Class
PC Tail
Length
Hardware Option
240-031
1 – Cadmium
2 – Nickel
4 – Black
Anodize
5 – Gold
6 – Chem Film
9
15
21
25
31
37
P
Pin
S
Socket
C
C Filter
P
Pi Filter
A
B
C
D
E
F
G
1 – .110 Inches
(2.79)
2 – .250 Inches
(6.35)
NN – No Jackpost, No Threaded Insert
PN – Extended Jackpost for .062" (1.6)
PCB, No Threaded Insert
RN – Extended Jackpost for .196" (5.0)
PCB, No Threaded Insert
NU – Threaded Insert Only, No Jackposts
PU – Short Jackpost and Threaded Insert
Rear Panel Jackposts
With Threaded Inserts
R6U – 0.125" (3.2) Panel
R5U – 0.094" (2.4) Panel
R4U – 0.062" (1.6) Panel
R3U – 0.047" (1.2) Panel
R2U – 0.031" (0.8) Panel
Jackscrew Options
M – Hex Head Jackscrews
S – Slot Head Jackscrews
Sample Part Number
240-031
2
–
25
P
C
D
1
PN
Micro-D Filter Connectors
Vertical Printed Circuit Board
Printed Circuit Board Micro-D Filter Connectors. These
vertical mount PCB connectors are ideal for flexible
circuit or motherboard applications.
Key Features include gold plated TwistPin contacts,
machined aluminum shells, and either Pi or C filter
elements. These environmentally sealed connectors are
designed to meet the requirements of MIL-DTL-83513.
Integral Board Standoffs and Pre-Tinned Tails—These
connectors are solder dipped (63/37 SnPb) and feature
a full complement of mounting hardware options.


Similar Part No. - 240-031237SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
PCB Micro-D Filter Connectors
240-031-1-15PC GLENAIR-240-031-1-15PC Datasheet
426Kb / 4P
Micro-D Filter Connectors
240-031-1-15PP GLENAIR-240-031-1-15PP Datasheet
426Kb / 4P
Micro-D Filter Connectors
240-031-1-15SC GLENAIR-240-031-1-15SC Datasheet
426Kb / 4P
Micro-D Filter Connectors
240-031-1-15SP GLENAIR-240-031-1-15SP Datasheet
426Kb / 4P
Micro-D Filter Connectors
More results

Similar Description - 240-031237SP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
Micro-D Filter Connectors Right Angle Printed Circuit Board
790-028PJ-25P2MNA GLENAIR-790-028PJ-25P2MNA Datasheet
1Mb / 11P
Straight Printed Circuit Board Connectors
790-029SK-43MENA GLENAIR-790-029SK-43MENA Datasheet
1Mb / 11P
Straight Printed Circuit Board Connectors
790-043P-K9PMN GLENAIR-790-043P-K9PMN Datasheet
1Mb / 10P
Straight Printed Circuit Board Connectors
790-044SD-15MEN GLENAIR-790-044SD-15MEN Datasheet
1Mb / 10P
Straight Printed Circuit Board Connectors
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
Micro-D Printed Circuit Board Connectors
890-006 GLENAIR-890-006 Datasheet
181Kb / 4P
Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com