Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310FS006B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 310FS006B
Description  O-Ring Sealed Shrink Boot Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

310FS006B Datasheet(HTML) 1 Page - Glenair, Inc.

  310FS006B Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 310 - Page 6
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-F-H-L-S
DIRECT
COUPLING
1. See Shrink Boot Reference Information
(page 40).
2. Metric dimensions (mm) are indicated
in parentheses.
See inside back cover
fold-out or pages 13 and
14 for unabridged
Tables I and II.
A Thread
(Table I)
C
(Table
I)
O-Ring
Cable Entry
(Table III)
Length
(Table IV)
D
(Table
III)
E (Table III)
F
(Table III)
310 F S 006 M 16 T
Product Series
Connector
Designator
Angle and Profile
S = Straight
Basic Part No.
Shrink Boot (Table III -
Omit for None)
Shell size
(Tables I & III)
Finish (Table II)
310-006
O-Ring Sealed Shrink Boot Adapter
Straight - Rotatable Coupling - Low Profile
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32
36
40
44
48
Cable Entry
Min
.250
(6.4)
.355
(9.0)
.491 (12.5)
.565 (14.4)
.690 (17.5)
.769 (19.5)
.844 (21.4)
1.019 (25.9)
1.134 (28.8)
1.369 (34.8)
1.615 (41.0)
1.830 (46.5)
2.045 (51.9)
2.300 (58.4)
2.550 (64.8)
* Raychem Shrink Boot Supplied with "T" Option (see Part Number Development)
Shrink Boot *
202K121-25-0
202K121-25-0
202K132-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K163-25-0
202K163-25-0
202K185-25-0
202K185-25-0
202K185-25-0
n/a
n/a
n/a
TABLE III: CABLE ENTRY AND SHRINK BOOT
D
Max
.657 (16.7)
.774 (19.7)
.818 (20.8)
1.024 (26.0)
1.152 (29.3)
1.243 (31.6)
1.370 (34.8)
1.443 (36.7)
1.618 (41.1)
1.969 (50.0)
2.219 (56.4)
2.469 (62.7)
2.719 (69.1)
2.969 (75.4)
3.219 (81.8)
E
Min
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.069
(1.8)
.069
(1.8)
.069
(1.8)
.069
(1.8)
.069
(1.8)
.086
(2.2)
.086
(2.2)
.086
(2.2)
.086
(2.2)
.086
(2.2)
.086
(2.2)
F
Max
.688 (17.5)
.803 (20.4)
.938 (23.8)
1.063 (27.0)
1.238 (31.4)
1.310 (33.3)
1.436 (36.5)
1.560 (39.6)
1.686 (42.8)
2.062 (52.4)
1.312 (33.3)
2.562 (65.1)
2.812 (71.4)
3.062 (77.8)
3.312 (84.1)
Shell
Sizes
08-25
28-48
F
.625 (15.9)
---
TABLE IV: LENGTH
A
.540 (13.7)
.702 (17.8)
H
.688 (17.5)
---
L & S
.750 (19.1)
---
Length Max - Connector Designator
Add “-445” to Specify Glenair’s Non-Detent,
("NESTOR") Spring-Loaded, Self-Locking Coupling.
See Page 41 for Details.
TABLE II - STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab Over
Electroless Nickel
See Back Cover for Complete Finish Information
and Additional Finish Options


Similar Part No. - 310FS006B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
310FS001B GLENAIR-310FS001B Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
310FS001C GLENAIR-310FS001C Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
310FS001G GLENAIR-310FS001G Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
310FS001M GLENAIR-310FS001M Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
310FS001NF GLENAIR-310FS001NF Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
More results

Similar Description - 310FS006B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
310FS001M GLENAIR-310FS001M Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
310DH034B GLENAIR-310DH034B Datasheet
86Kb / 2P
O-Ring Sealed Shrink Boot Adapter
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
EMI/RFI Shield Sock Shrink Boot Adapter
440AC069M08 GLENAIR-440AC069M08 Datasheet
70Kb / 2P
EMI/RFI Banding and Shrink Boot Adapter
M85049-49-59A12 GLENAIR-M85049-49-59A12 Datasheet
72Kb / 1P
Shrink Boot Adapter
310-001 GLENAIR-310-001_08 Datasheet
341Kb / 2P
O-Ring Sealed Shrink Boot Adapter Rotatable Coupling
440AH069M08 GLENAIR-440AH069M08_08 Datasheet
262Kb / 2P
EMI/RFI Banding and Shrink Boot Adapter
310-001 GLENAIR-310-001 Datasheet
215Kb / 2P
O-Ring Sealed Shrink Boot Adapter
440-069 GLENAIR-440-069 Datasheet
219Kb / 2P
EMI/RFI Banding and Shrink Boot Adapter
logo
List of Unclassifed Man...
F19K ETC2-F19K Datasheet
632Kb / 4P
SCHIRMADAPTER Shielded Shrink Boot Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com