Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFSH-4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CFSH-4
Description  SURFACE MOUNT SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CFSH-4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CFSH-4 Datasheet HTML 1Page - Central Semiconductor Corp CFSH-4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Average Forward Current
IO
200
mA
Forward Surge Current, tp=8.3ms
IFSM
600
mA
Power Dissipation
PD
100
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +125
°C
Thermal Resistance
ΘJA
1000
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=30V
25
200
nA
BVR
IR=10µA40
V
VF
IF=1.0mA
0.35
0.38
V
VF
IF=15mA
0.55
0.65
V
VF
IF=40mA
0.77
1.00
V
CT
VR = 0V, f=1.0 MHz
5.0
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
CFSH-4
SURFACE MOUNT
SILICON SCHOTTKY DIODE
SOD-882L CASE
Central
Semiconductor Corp.
TM
R1 (23-May 2007)
DESCRIPTION:
The Central Semiconductor Corp. CFSH-4 is a high
quality Schottky Diode designed for applications where
ultra small size and power dissipation are prime
requirements. Packaged in a Tiny Leadless Package,
TLP™, this component provides performance
characteristics suitable for the most demanding size
constrained applications.
MARKING CODE: L
FEATURES:
Device is Halogen Free by design
Current (IO=200mA)
Low Forward Voltage Drop (VF=0.35V TYP @ 1.0mA)
Low Reverse Current (25nA TYP @ 30V)
Extremely Fast Switching (5ns Max)
Small TLP™, 1mm x 0.6mm x 0.4mm, SOD-882L,
ultra low profile, Leadless Surface Mount package.
APPLICATIONS:
DC / DC Converters
Voltage Clamping
Protection Circuits
Battery powered applications including Cell Phones, Digital Cameras, Pagers, PDAs, Laptop Computers, etc.
Bottom View
Top View
™


Similar Part No. - CFSH-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFSH-4 CENTRAL-CFSH-4_10 Datasheet
357Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
More results

Similar Description - CFSH-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMASH-4 CENTRAL-CMASH-4 Datasheet
187Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMASH-4 CENTRAL-CMASH-4_10 Datasheet
346Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CTLSH01-30 CENTRAL-CTLSH01-30 Datasheet
502Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMOSH-3 CENTRAL-CMOSH-3_12 Datasheet
493Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CTLSH05-40M621 CENTRAL-CTLSH05-40M621_15 Datasheet
619Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMDSH-3 CENTRAL-CMDSH-3_15 Datasheet
436Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMDSH-4E CENTRAL-CMDSH-4E_15 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30 CENTRAL-CFSH01-30_V01 Datasheet
898Kb / 5P
SURFACE MOUNT SILICON SCHOTTKY DIODE
29-September 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com