Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP15762 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP15762
Description  Stand-Off Type Pulse Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP15762 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP15762 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Stand-Off Type Pulse Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• UL94V0 Recognized Materials
• UL1446 Class B Insulating System
• Add “-LF” after part number for Lead-Free
• Storage Temperature : -40°C to +125°C
• Operating Temperature : 0°C to +70°C
• IR : 10 K meg
Ω Min. 500 Vdc
• Hipot : 500 Vdc
EP157XX & EP157XX-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS157XX & -LF
Rev. 3
6/2/08 RR
OCL
Sine Wave
(µH Min.)
5000
2000
500
200
50
20
10
5000
2000
500
200
20
200
20
2000
500
200
Leakage
Inductance
(µH Max.)
1.3
0.8
0.4
0.3
0.5
0.4
0.5
3.6
1.8
1.1
0.8
1.5
1.1
1.3
2.5
0.9
0.8
25
16
8.5
5.0
5.2
3.2
3.7
25
16
8.5
5.0
5.8
5.0
3.2
16
8.5
5.0
Primary
Et-Constant
(V-µSec. Min.)
DCR
(
Ω Max.)
PCA
Part
Number
EP15760(-LF)
EP15761(-LF)
EP15762(-LF)
EP15763(-LF)
EP15764(-LF)
EP15765(-LF)
EP15766(-LF)
EP15767(-LF)
EP15768(-LF)
EP15769(-LF)
EP15770(-LF)
EP15772(-LF)
EP15777(-LF)
EP15779(-LF)
EP15782(-LF)
EP15783(-LF)
EP15784(-LF)
Turns
Ratio
(± 5%)
1:1:1
1:1:1
1:1:1
1:1:1
1:1:1
1:1:1
1:1:1
2:1:1
2:1:1
2:1:1
2:1:1
2:1:1
3:1:1
3:1:1
4:2:1
4:2:1
4:2:1
60
37
32
18
18
21
22
33
19
11
8
12
7
6
20
13
8
Interwinding
Capacitance
(pF Max.)
Rise
Time
(nS Max.)
10.5
8.2
5.3
4.2
5.6
4.1
5.1
16
11
5.6
3.2
7.5
3.6
2.7
13
4.7
3.7
3.9
2.5
1.3
0.9
1.3
0.9
0.9
3.9
2.5
1.3
0.9
1.3
0.9
0.9
2.5
1.4
0.9
Pri.
3.9
2.5
1.3
0.9
1.3
0.9
0.9
2.0
1.4
0.7
0.5
0.8
0.4
0.4
1.4
1.8
0.9
Sec.
3.9
2.5
1.3
0.9
1.3
0.9
0.9
2.0
1.4
0.7
0.5
0.8
0.4
0.4
0.8
0.5
0.4
Tert.
Schematic
5
6
4
3
1
2
N3
N2
N1
3 Windings
Package
2
1
PCA
EP157XX(-LF)
D.C.
5
.350
Max.
(8.89)
.500 Max.
(12.70)
.400
(10.16)
.070 Min. (1.78)
.250
Max.
(6.35)
.500 Min.
(12.70)
.200
(5.08)
.020
(.508)
6
3
4
.100
(2.54)
Notes :
1. Assembly Process (Solder Composition)
2. Peak Temperature Rating
3. Weight
4. Packaging Information
(Tube)
EP157XX
SnPb
225°C
(10 +2/-0) Seconds
TBD grams
TBD pcs / tube
EP157XX-LF
Hot Dipped Sn or SnCu
260°C
(10 +2/-0) Seconds
TBD grams
TBD pcs / tube


Similar Part No. - EP15762

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP15762(-LF) PCA-EP15762(-LF) Datasheet
17Kb / 1P
Stand-Off Type Pulse Transformers
More results

Similar Description - EP15762

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
logo
Vishay Siliconix
PT-100-01 VISHAY-PT-100-01 Datasheet
144Kb / 5P
Transformers Pulse, Trigger Type
10-Aug-06
PT-10 VISHAY-PT-10 Datasheet
106Kb / 4P
Transformers Pulse, Trigger Type
29-Nov-07
logo
PCA ELECTRONICS INC.
EP18270 PCA-EP18270 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EP157XX PCA-EP157XX_15 Datasheet
17Kb / 1P
Stand-Off Type Pulse Transformers
EP182XX PCA-EP182XX_15 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
logo
E-CMOS Corporation
EC76P4KEXXX E-CMOS-EC76P4KEXXX Datasheet
204Kb / 6P
Peak Pulse 400W Stand-off Voltage 6.8 to 550V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com