Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4852 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP4852
Description  Subminiature RF Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP4852 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP4852 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Subminiature RF Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• For PC Mounted Applications
• Meets MIL-C-15305 Grade 1, Class 0
• Inductance Range from 10 µH to 100 mH
• L & Q measured with HP4195
• Transfer-Molded Epoxy
EP48XX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS48XX
Rev. 1
1/30/08 RR
Package
Electrical Specifications @ 25°C
Test
Voltage
0.0005
0.0005
0.0005
0.0005
0.0005
0.001
0.001
0.001
0.001
0.005
0.005
0.005
0.01
0.01
0.01
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.1
0.1
0.1
PCA
Part Number
EP4852
EP4853
EP2890
EP4854
EP4855
EP4856
EP4857
EP4820
EP3001
EP4858
EP4859
EP4860
EP2629A
EP4861
EP4797
EP4862
EP4863
EP4864
EP4865
EP2930
EP4866
EP3006
EP4867
EP4868
EP4869
DC Current
(mA Max..)
500
500
500
500
500
500
420
330
260
200
160
130
100
78
62
49
39
31
24
19
15
12
9.4
7.6
6
OCL
(mH ± 10%)
.010
.015
.022
.033
.047
.068
.100
.150
.220
.330
.470
.680
1.00
1.50
2.20
3.30
4.70
6.8
10
15
22
33
47
68
100
DCR
(
Ω Max.)
0.34
0.48
0.67
0.97
1.3
1.8
2.55
3.7
5
7.3
9.9
14
20
28
39
55
76
100
140
200
280
400
550
760
1100
15 MHz
12.5 MHz
10 MHz
8.2 MHz
6.8 MHz
5.6 MHz
4.6 MHz
3.7 MHz
3.0 MHz
2.4 MHz
2.0 MHz
1.7 MHz
1.4 MHz
1.12 MHz
920 KHz
750 KHz
620 KHz
520 KHz
420 KHz
340 KHz
280 KHz
230 KHz
190 KHz
155 KHz
130 KHz
Resonant
Frequency
22
21
20
19
18
17
17
39
38
38
37
37
36
39
37
35
34
32
31
32
27
21
18
15
12
Q
(Min.)
Schematic
1
2
3.5 MHz
2.5 MHz
2.5 MHz
2.5 MHz
2.5 MHz
2.5 MHz
2.5 MHz
790 KHz
790 KHz
790 KHz
790 KHz
790 KHz
790 KHz
250 KHz
250 KHz
250 KHz
250 KHz
250 KHz
250 KHz
79 KHz
79 KHz
79 KHz
79 KHz
79 KHz
79 KHz
Test
Frequency
1.50 (38.10)
.345
(8.76)
.245
(6.22)
.018/.022
(.457/.559)
.100 (2.54)


Similar Part No. - EP4852

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP4852 PCA-EP4852 Datasheet
42Kb / 1P
Subminiature RF Inductors
More results

Similar Description - EP4852

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WVL VISHAY-WVL Datasheet
114Kb / 4P
Inductors, Variable, Subminiature
10-Aug-06
IMS-2WWD-40 VISHAY-IMS-2WWD-40 Datasheet
70Kb / 3P
Inductors, Subminiature, Shielded
10-Aug-06
PC9EBR10K VISHAY-PC9EBR10K Datasheet
86Kb / 3P
Inductors Subminiature, Shielded
10-Aug-06
logo
Coilcraft lnc.
132 COILCRAFT-132 Datasheet
90Kb / 1P
Fixed RF Inductors
148 COILCRAFT-148 Datasheet
87Kb / 1P
Tunable RF Inductors
logo
Bourns Electronic Solut...
4905-S BOURNS-4905-S Datasheet
29Kb / 1P
Adjustable RF Inductors
logo
PCA ELECTRONICS INC.
EP48XXA PCA-EP48XXA_15 Datasheet
42Kb / 1P
Subminiature RF Inductors
logo
XFMRS Inc.
XFSMD203-R33J XFMRS-XFSMD203-R33J Datasheet
60Kb / 1P
RF INDUCTORS
XFTH203-1R2J XFMRS-XFTH203-1R2J Datasheet
60Kb / 1P
RF INDUCTORS
logo
Pulse A Technitrol Comp...
WC701 PULSE-WC701 Datasheet
2Mb / 28P
RF Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com