Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9101 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9101
Description  28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9101 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9101 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP9100 to EP9129 &
EP9100-RC to EP9129-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS9810-XX & -RC
Rev. A1
1/31/06 RR
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
5
6
7
8
9
10
12
15
Total Delay
(†±5% or ± 2nS)
25
30
35
40
45
50
60
7
J-Lead
Part Number
EP9108(-RC)
EP9109(-RC)
EP9110(-RC)
EP9111(-RC)
EP9112(-RC)
EP9113(-RC)
EP9114(-RC)
Tap Delays
(†±5% or ± 2nS)
Total Delay
(†±5% or ± 2nS)
100
125
150
175
200
225
250
J-Lead
Part Number
EP9100(-RC)
EP9101(-RC)
EP9102(-RC)
EP9103(-RC)
EP9104(-RC)
EP9105(-RC)
EP9106(-RC)
EP9107(-RC)
†Whichever is greater. • Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
Schematic
2
15
28 17 26
12
18
OUTPUT
GROUND
INPUT
4
VCC
Notes :
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
4. Weight
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
5. Packaging Information
(Tube)
EP91XX-RC
260°C
TBD grams
4
(72 hours,
≤30°C/60%RH)
SnPb
(RoHS exemption 7a)
Sn
45 pieces/tube
EP91XX
225°C
TBD grams
3
(168 hours,
≤30°C/60%RH)
SnPb
SnPb
45 pieces/tube
10
12
14
16
18
20
24
30
15
18
21
24
27
30
36
45
20
24
28
32
36
40
48
60
20
25
30
35
40
45
50
40
50
60
70
80
90
100
60
75
90
105
120
135
150
80
100
120
140
160
180
200
DC Electrical Characteristics
Parameter
Test Conditions
Unit
Min.
Max.
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL Load
Recommended Operating Conditions Min.
Max.
Unit
*These two values are inter-dependent.
VCC Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW* Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
28 Pin SMD 5 Tap TTL Compatible
Active Delay Lines
Gull-Wing
Part Number
EP9123(-RC)
EP9124(-RC)
EP9125(-RC)
EP9126(-RC)
EP9127(-RC)
EP9128(-RC)
EP9129(-RC)
Gull-Wing
Part Number
EP9115(-RC)
EP9116(-RC)
EP9117(-RC)
EP9118(-RC)
EP9119(-RC)
EP9120(-RC)
EP9121(-RC)
EP9122(-RC)
J-Lead Package
.018 x .008
(.457 x .203)
Tin Plated Kova
.025/.045
(.635/1.14)
Suggested Solder
Pad Layout
PCA
EP9100(-RC)
D.C.
4
1 28
26
12
18
.175 Max.
(4.45)
.450 Max.
(11.43)
.475
(12.07)
.365
(9.27)
.055
(1.40)
.030
(.762)
.370
Max.
(9.40)
.050
Typ.
(1.27)
.050 Typ.
(1.27)
.050 Typ.
(1.27)
Suggested Solder
Pad Layout
.175 Max.
(4.45)
.450 Max.
(11.43)
.475
(12.07)
.365
(9.27)
.055
(1.40)
.030
(.762)
.370
Max.
(9.40)
.050
Typ.
(1.27)
.050 Typ.
(1.27)
4
1 28 26
12
18
PCA
EP9129(-RC)
D.C.
.018 x .008
(.457 x .203)
Tin Plated Kovar
Gull Wing Package


Similar Part No. - EP9101

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9101(-RC) PCA-EP9101(-RC) Datasheet
27Kb / 1P
28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EP9101

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1140-XX PCA-EPA1140-XX Datasheet
22Kb / 1P
SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA424-25 PCA-EPA424-25 Datasheet
23Kb / 1P
SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EP9677 PCA-EP9677 Datasheet
19Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EP91XX PCA-EP91XX_15 Datasheet
27Kb / 1P
28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EPA424 PCA-EPA424_15 Datasheet
23Kb / 1P
SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-XX PCA-EPA2720-XX_15 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com