Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9302 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9302
Description  14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9302 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9302 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14 Pin DIP 5 Tap Low-Profile TTL Compatible
Active Delay Lines
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
5, 10, 15, 20
25
EP9300
6, 12, 18, 24
30
EP9313
7, 14, 21, 28
35
EP9314
8, 16, 24, 32
40
EP9315
9, 18, 27, 36
45
EP9316
10, 20, 30, 40
50
EP9301
12, 24, 36, 48
60
EP9311
15, 30, 45, 60
75
EP9317
20, 40, 60, 80
100
EP9302
25, 50, 75, 100
125
EP9319
30, 60, 90, 120
150
EP9303
35, 70, 105, 140
175
EP9320
40, 80, 120, 160
200
EP9304
45, 90, 135, 180
225
EP9321
50, 100, 150, 200
250
EP9305
60, 120, 180, 240
300
EP9306
70, 140, 210, 280
350
EP9307
†
Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
80, 160, 240, 320
400
EP9308
84, 168, 252, 336
420
EP9318
88, 176, 264, 352
440
EP9322
90, 180, 270, 360
450
EP9309
94, 188, 282, 376
470
EP9323
100, 200, 300, 400
500
EP9310
110, 220, 330, 440
550
EP9330
120, 240, 360, 480
600
EP9324
130, 260, 390, 520
650
EP9331
140, 280, 420, 560
700
EP9325
150, 300, 450, 600
750
EP9329
160, 320, 480, 640
800
EP9326
170, 340, 510, 680
850
EP9332
180, 360, 540, 720
900
EP9327
190, 380, 570, 760
950
EP9333
200, 400, 600, 800
1000
EP9328
Package Dimensions
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VOH High-Level Output Voltage
VCC = min. VIL = max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC = min. II= IIK
-1.2
V
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
50
µA
VCC = max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC = max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
V CC = max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC = max. VIN = 0
75
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC = max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC = max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
-55
+125
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
Schematic
DSD93XX Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.365
Max.
.780 Max.
.280
Max.
PCA
EP93XX
Date Code
.010
Typ.
.100 Min.
.015
Typ.
.165
Max.
.020
Typ.
White Dot
Pin#1
.100
.300
.200


Similar Part No. - EP9302

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
High-speed ARM9 System-on-chip Processor with MaverickCrunch
logo
PCA ELECTRONICS INC.
EP9302 PCA-EP9302 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
logo
Cirrus Logic
EP9302-CQ CIRRUS-EP9302-CQ Datasheet
302Kb / 42P
High-speed ARM9 System-on-chip Processor with MaverickCrunch
EP9302-CQZ CIRRUS-EP9302-CQZ Datasheet
302Kb / 42P
High-speed ARM9 System-on-chip Processor with MaverickCrunch
EP9302-EQ CIRRUS-EP9302-EQ Datasheet
302Kb / 42P
High-speed ARM9 System-on-chip Processor with MaverickCrunch
More results

Similar Description - EP9302

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP8270 PCA-EP8270 Datasheet
22Kb / 1P
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines
EP8700 PCA-EP8700 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP82XX-HL PCA-EP82XX-HL_15 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP8270-92 PCA-EP8270-92_15 Datasheet
22Kb / 1P
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com