Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA3192 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3192
Description  SMD Passive Delay Line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3192 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3192 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tap Delay
1.3 nS ± 1 nS
Attenuation
0.8% Ref.
SMD Passive Delay Line
Electrical Specifications
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
Package
Schematic
DSA3192
Rev. - 10/31/95
QAF-CSO1a Rev. -
7/27/95
PCA Part Number :
EPA3192
Notes :
*Unless otherwise specified, all tests to be conducted
@ 25°C and RH of 93% Max.
Test Conditions @ 25°C
100
Ω ± 10%
Impedance
Delay Time
13.0 nS ± 5%
I.R.
@
100 Vdc
1 KM
Ω Min.
D.C. Resistance
0.86
Ω Ref.
Dielectric Strength
100 Vdc
100 PPM / °C
Temp. Coef. of Delay
Operating Temp.
0 to 70°C
Distortion
± 10.0% Max.
2.6 nS Max.
TR Output
-----
TR True
Vcc
Temp
Load
Pw
39.0 nS
Prr
1.0 MHz
Ein
1.2 V
Tri
2.0 nS
Tfi
.360
.050
PCA
EPA3192
D.C.
.440
.165
1 28
4
26
12
18
.018 X .008
Tin plated
Kovar
.050
26
Pin # 12 N.C.
Output
Input
17
18
28 1
2
3
4 13 14 15 16
27
Gnd
Gnd


Similar Part No. - EPA3192

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3191S PCA-EPA3191S Datasheet
55Kb / 1P
Common Mode Choke
EPA3193S PCA-EPA3193S Datasheet
42Kb / 1P
T1/CEPT Interface Transformer
EPA3199 PCA-EPA3199 Datasheet
19Kb / 1P
CEPT/ISDN PRI Transformer
More results

Similar Description - EPA3192

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S407-0000-00 BEL-S407-0000-00 Datasheet
44Kb / 1P
SMD SINGLE OUTPUT PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
8 Pin Single-in Line Passive Delay Lines
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
SMD 28 Pin Passive Delay Lines
EP9793-0.0 PCA-EP9793-0.0 Datasheet
38Kb / 1P
8 Pin Single-in-Line Passive Delay Lines
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
SMD Single Output Passive Delay Lines
EP123XXX PCA-EP123XXX_15 Datasheet
18Kb / 1P
8 Pin Single-in Line Passive Delay Lines
EP9793-XX PCA-EP9793-XX_15 Datasheet
38Kb / 1P
8 Pin Single-in-Line Passive Delay Lines
logo
Data Delay Devices, Inc...
3D2700 DATADELAY-3D2700 Datasheet
232Kb / 2P
7-BIT ADJUSTABLE, HIGH B.W. PASSIVE DELAY LINE
3D9950 DATADELAY-3D9950 Datasheet
219Kb / 2P
8-BIT ADJUSTABLE, COAXIAL PASSIVE DELAY LINE
3D10000 DATADELAY-3D10000 Datasheet
220Kb / 2P
5-BIT ADJUSTABLE, HIGH B.W. PASSIVE DELAY LINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com