Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA3733 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3733
Description  Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3733 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3733 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Power Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Noise supression Choke
• Add “-LF” after part number for Lead-Free
• 1250 Vrms Isolation
• 13 A Rated Current
EPA3733 & EPA3733-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA3733 & -LF
Rev. 1
2/21/06 FT
-70
-50
-30
-10
0
-90
Frequency
.01 M
.1 M
10 M
1 M
275
8
Turns Ratio
DCR
(m
Ω Max.)
SRF
(MHz Typ. )
1 : 1
Pins 1-4 : 2-3
2
Pins 1-4
Pins 1-4
Inductance
(µH Min.)
Schematic
1
2
4
3
Package
Bottom
View
1.230
Max.
(31.24)
.120/.180
(3.05/4.57)
.051 (1.29)
.625
Max.
(15.87)
.800
(20.32)
1.250 Max.
(31.75)
.400
(10.16)
PCA
EPA3733(-LF)
D.C.
4
3
2
1
2
1
3
2
3mm
Thick Block
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
4. Weight
5. Packaging Information
(Tube)
EPA3733
SnPb
225°C
(10 +2/-0) Seconds
TBD grams
TBD pcs / tube
EPA3733-LF
Hot Tin Dip (Sn)
260°C
(10 +2/-0) Seconds
TBD grams
TBD pcs / tube


Similar Part No. - EPA3733

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
Coupled Inductor
EPA3724G PCA-EPA3724G Datasheet
39Kb / 1P
Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
Coupled Inductor
EPA3727 PCA-EPA3727 Datasheet
37Kb / 1P
Coupled Inductor
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
14 Pin Auto-Insertable/SMD Passive Delay Lines
More results

Similar Description - EPA3733

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3004G PCA-EPZ3004G Datasheet
51Kb / 1P
Power Choke
EPZ3007G PCA-EPZ3007G Datasheet
40Kb / 1P
Power Choke
EPZ3008G PCA-EPZ3008G Datasheet
53Kb / 1P
Power Choke
EPZ3012G PCA-EPZ3012G Datasheet
31Kb / 1P
Power Choke
EPZ3014G PCA-EPZ3014G Datasheet
26Kb / 1P
Power Choke
EPZ3015 PCA-EPZ3015 Datasheet
25Kb / 1P
Power Choke
EPZ3019 PCA-EPZ3019 Datasheet
29Kb / 1P
Power Choke
EPZ3009GE PCA-EPZ3009GE_15 Datasheet
38Kb / 1P
Power Choke
EPZ3014G PCA-EPZ3014G_15 Datasheet
27Kb / 1P
Power Choke
EPZ3015 PCA-EPZ3015_15 Datasheet
26Kb / 1P
Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com