Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

nechip Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 47Page - List of Unclassifed Manufacturers nechip Datasheet HTML 48Page - List of Unclassifed Manufacturers nechip Datasheet HTML 49Page - List of Unclassifed Manufacturers nechip Datasheet HTML 50Page - List of Unclassifed Manufacturers nechip Datasheet HTML 51Page - List of Unclassifed Manufacturers nechip Datasheet HTML 52Page - List of Unclassifed Manufacturers nechip Datasheet HTML 53Page - List of Unclassifed Manufacturers nechip Datasheet HTML 54Page - List of Unclassifed Manufacturers nechip Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 5 TELNET Configuration
5-1
Chapter 5 TELNET Configuration
Telnet (teletype network) is a network protocol used on the Internet or local area networks to
provide a bidirectional interactive communications facility. Typically, telnet provides access to
a command-line interface on a remote host via a virtual terminal connection which consists of an
8-bit byte oriented data connection over the Transmission Control Protocol (TCP). User data is
interspersed in-band with TELNET control information.
5.1 Basic Settings
Change to the main menu view, enter the shortcut keys before “basic settings”, then changed
to the basic settings view, as follows:
Figure 5-1 TELNET basic settings view
Please refer to the description of the parameters in section3.1.
5.2 Network
Change to the main menu view, enter the shortcut keys before “Network”, then changed to
the network settings view, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com