Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3236TK Datasheet(PDF) 18 Page - NEC

Part # UPC3236TK
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3236TK Datasheet(HTML) 18 Page - NEC

Back Button UPC3236TK Datasheet HTML 14Page - NEC UPC3236TK Datasheet HTML 15Page - NEC UPC3236TK Datasheet HTML 16Page - NEC UPC3236TK Datasheet HTML 17Page - NEC UPC3236TK Datasheet HTML 18Page - NEC UPC3236TK Datasheet HTML 19Page - NEC UPC3236TK Datasheet HTML 20Page - NEC UPC3236TK Datasheet HTML 21Page - NEC UPC3236TK Datasheet HTML 22Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
S-PARAMETERS (TA = +25
°C, VCC = Vout = 5.0 V, Pin = −40 dBm)
S11
−FREQUENCY
1 : 1 000 MHz
51.14
Ω
–41.10
Ω
2 : 2 200 MHz
24.67
Ω
5.97
Ω
1
2
START: 100 MHz
STOP: 5 100 MHz
S22
−FREQUENCY
START: 100 MHz
STOP: 5 100 MHz
1 : 1 000 MHz
51.01
Ω
–27.59
Ω
2 : 2 200 MHz
58.92
Ω
32.68
Ω
1
2
Remarks 1. Measured on the test circuit of evaluation board.
2. The graphs indicate nominal characteristics.
Data Sheet PU10734EJ01V0DS
18
μPC3236TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com