Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5606 Datasheet(PDF) 4 Page - NEC

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5606 Datasheet(HTML) 4 Page - NEC

  2SC5606 Datasheet HTML 1Page - NEC 2SC5606 Datasheet HTML 2Page - NEC 2SC5606 Datasheet HTML 3Page - NEC 2SC5606 Datasheet HTML 4Page - NEC 2SC5606 Datasheet HTML 5Page - NEC 2SC5606 Datasheet HTML 6Page - NEC 2SC5606 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet PU10781EJ01V0DS
4
2SC5606
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
Collector Current IC (mA)
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
VCE = 1 V
IC = 10 mA
35
25
30
20
15
10
5
0
0.1
1.0
10.0
Frequency f (GHz)
INSERTION POWER GAIN
vs. FREQUENCY
VCE = 2 V
IC = 20 mA
35
25
30
20
15
10
5
0
0.1
1.0
10.0
Frequency f (GHz)
INSERTION POWER GAIN
vs. FREQUENCY
30
25
20
15
10
5
0
1
10
100
VCE = 1 V
f = 2 GHz
30
25
20
15
10
5
0
1
10
100
VCE = 2 V
f = 2 GHz
16
14
12
10
8
6
4
2
0
1
10
100
VCE = 1 V
f = 2 GHz
16
14
12
10
8
6
4
2
0
1
10
100
VCE = 2 V
f = 2 GHz
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com