Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPB5212S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5212S
Description  Home Phone Networking Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5212S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5212S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Home Phone Networking Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for Home Phone Line Networks
• Withstands IR reflow Profile Processes
• Complies with UL1950 & UL60950
Supplementary Insulation
• Hipot : 1500 Vrms Min. (1 minute)
Schematic
EPB5212S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5212S
Rev. -
1/16/03
3
1
8
2
6
4
5
Chip
Side
Line
Side
OCL
(µH Min.)
@ 10 KHz , 0.1 Vrms
DCR
(
Ω Max.)
Leakage Inductance
(µH Max.)
Pins 1-2
short others
1
@ 100 KHz, 0.1 Vrms
Interwinding Capacitance
(pF Typ.)
@ 100 KHz, 0.1 Vrms
10
Pins
1-2 to 8-5
0.23
Pins 1-2
0.80
Pins 3-4
0.667
2
0.5
0.5
Xmit
Rcv
Pin 1
I.D.
.150
(3.81)
.230
(5.84)
.270
(6.86)
.050
(1.27)
.025
(.635)
.290
(7.37)
.018/.022
(.457/.559)
.106
(2.70)
.050
(1.27)
.025
(.640)
.413
(10.50)
.380
(9.65)
Marking :
PCA
EPB5212S
Date Code
Pad
Layout
.070
(1.78)
0°-8°
.008/.012
(.203/.304)
.010
(.254)
0.46
Pins 3-4
25
Pins
3-4 to 8-5
15
Pins
1-2 to 3-4
Pins 3-4
short others
6
Pins 8-5
short others
3
Pins 1-2
30
Pins 3-4
270
Pins 8-5
67.5


Similar Part No. - EPB5212S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5211G PCA-EPB5211G Datasheet
39Kb / 1P
Home Phone Networking Transformer
EPB5215 PCA-EPB5215 Datasheet
43Kb / 1P
VDSL Diplexer Filter Module
EPB5218G PCA-EPB5218G Datasheet
61Kb / 1P
Home Phone Networking Magnetics Module
More results

Similar Description - EPB5212S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5047AS PCA-EPB5047AS Datasheet
29Kb / 1P
Home Phone Networking Magnetic Module
EPB5047S PCA-EPB5047S Datasheet
27Kb / 1P
Home Phone Networking Magnetic Module
EPB5211G PCA-EPB5211G Datasheet
39Kb / 1P
Home Phone Networking Transformer
logo
XFMRS Inc.
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
XF6006 XFMRS-XF6006 Datasheet
122Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
PCA ELECTRONICS INC.
EPB5035G PCA-EPB5035G_07 Datasheet
23Kb / 1P
Home Phone Networking
logo
XFMRS Inc.
XF6004 XFMRS-XF6004 Datasheet
115Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
Pulse A Technitrol Comp...
B891 PULSE-B891 Datasheet
460Kb / 1P
Home Phone Networking Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com