Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPB5220G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5220G
Description  Low Pass Filter for Cable Modem Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5220G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5220G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Low Pass Filter for
Cable Modem Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Integrated LPF with Amplitude Equalizer
• Designed to work with Broadcom BCM3138
• Shielded Components for Improved Crosstalk
• Robust construction allows for IR/VP processes
• Add “-RC” after part number for RoHS Compliant
EPB5220G & EPB5220G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5220G & -RC
Rev. Orig2
2/27/06 JDG
Electrical Parameters @ 25°C
Schematic
7
1
LPF
2, 3, 4, 5, 6, 8, 9,
10,11,12,13 & 14
Package
.085
(2.16)
Pad
Layout
.450
(11.43)
.030
(.762)
.100
(2.54)
.750
(19.05)
.270
(6.86)
PCA
EPB5220G(-RC)
Date Code
Pin 1
I.D.
.600
(15.24)
.075
(1.91)
.016/.020
(.406/.508)
.100
(2.54)
.010/.020
(.254/.508)
.200
(5.08)
.400
(10.16)
.040
(1.02)
0°-8°
.008/.012
(.203/.305)
• Characteristic Filter Impedance : 75
Ω/75 Ω •
Return
Loss
(dB Typ.)
Attenuation
(dB Min.)
1-73 MHz
25
Group Delay
(nS Max.)
Insertion
Loss
(dB)
-4.5 Typ.
1-10 MHz
-8
1-10 MHz
Cut-off
Frequency
(MHz Typ.)
73
40-75 MHz
-12
85 MHz
-15
100 MHz
-30
200-300 MHz
-20
1-75 MHz
-70
Crosstalk
(dB Typ.)
-1.0 Max.
60 MHz
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number, but
in front of “-RC”when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPB5220G-RC
245°C
1.2 grams
26 pieces/tube
700 pieces/13” reel
(*EPB5220GTR-RC)
EPB5220G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
1.2 grams
26 pieces/tube
700 pieces/13” reel
(*EPB5220GTR)
SnPb
Hot Tin Dip (Sn) †
† Hot tin dipped over Matte Tin with Ni Barrier


Similar Part No. - EPB5220G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5227G PCA-EPB5227G Datasheet
17Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5227G-RC PCA-EPB5227G-RC Datasheet
17Kb / 1P
Low Pass Filter for Cable Modem Applications
More results

Similar Description - EPB5220G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5055G PCA-EPB5055G Datasheet
21Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5056G PCA-EPB5056G Datasheet
16Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5058G PCA-EPB5058G Datasheet
25Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5059G PCA-EPB5059G Datasheet
25Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5064G PCA-EPB5064G Datasheet
20Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5203G PCA-EPB5203G Datasheet
15Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5208G PCA-EPB5208G Datasheet
37Kb / 1P
Low Pass Filter for Cable Modem Applications
EPE6353G PCA-EPE6353G Datasheet
25Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5064GM PCA-EPB5064GM Datasheet
20Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5185G PCA-EPB5185G Datasheet
22Kb / 1P
Low Pass Filter for Cable Modem Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com