Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC1019P Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1019P
Description  Ethernet DC/DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1019P Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1019P Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70 % Typical efficiency at full load
Designed for low common mode noise
DC - DC Regulated Converter
Input / Output Isolation
Input filter to reduce input ripple current
12 ± 10 %
- 9 ± 5 %
200 Max.
100 P:P Max
500
2000
Input Voltage ( for specified output )
Output Voltage
Output Current
Output Ripple & Noise
@ 20 MHz BW
Isolation Part Number EPC1019P
Part Number EPC1019H
Volts
Volts
mA
mV
Vrms
Vrms
( - 9V )
( - 9V RTN )
V out -
V out +
N/C
N/C
( + 12V )
( 12V RTN )
V in +
V in -
Enable
Electrical Specifications for EPC1019P & EPC1019H
Pins
9 & 10
Pins
11 & 12
Pin 3
Pins
13-16
Pins
1 & 2
Pins
23 & 24
Pin
22
Enable pin active high
EPC1019P 9/91
PCA EPC1019P
Date Code
+12V
-9V
1.30 Max.
.375 Max
.585 Max.
.125 Min.
.018
Typ.
White Dot
Pin 1
.008
.012
.635
Typ.
.100 Typ.
9 Plcs)
.02 Typ.
1.100
.700
.600
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pca.com
E L E C T R O N I C S
I N C .
Ethernet DC/DC Converter EPC1019P & EPC1019H
Package
Features
Parameters
Pin Connections
Units
Pin Connections


Similar Part No. - EPC1019P

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1019 PCA-EPC1019_15 Datasheet
29Kb / 1P
Ethernet DC/DC Converter
More results

Similar Description - EPC1019P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
Ethernet DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com